전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6452BM 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM6452BM
상세설명  Audio Variable Volume ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6452BM 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6452BM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6452BM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM6452AM/BM
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O1
1. Ip = input pin with pull-up
A/D 2
2. A = analog, D= digital
Description
1
AVDD1
A
Analog supply 1
2
VREF1
O
A
Reference voltage source capacitor connection (0.5AVDD1)
3
AIN1
I
A
Channel 1 audio input
4
AIN2
I
A
Channel 2 audio input
5
AIN3
I
A
Channel 3 audio input
6
AIN4
I
A
Channel 4 audio input
7
AIN5
I
A
Channel 5 audio input
8
AIN6
I
A
Channel 6 audio input
9
AVSS1
A
Analog ground 1
1 0
D V D D
D
Digital supply
11
MDT (AM)
I
D
Microcontroller data input
S D A (BM)
I/O
D
I2C bus serial data input and ack n owledge (ACK) signal output
1 2
RSTN
Ip
D
System reset input (active L OW -level)
13
MLEN (AM)
Ip
D
Microcontroller latch enable input
NC (BM)
No connection
14
MCK (AM)
I
D
Microcontroller clock input
SCL (BM)
I
D
I2C bus clock input
1 5
D V S S
D
Digital ground
1 6
AVSS2
A
Analog ground 2
1 7
A OUT6
O
A
Channel 6 audio output
1 8
A OUT5
O
A
Channel 5 audio output
1 9
A OUT4
O
A
Channel 4 audio output
2 0
A OUT3
O
A
Channel 3 audio output
2 1
A OUT2
O
A
Channel 2 audio output
2 2
A OUT1
O
A
Channel 1 audio output
2 3
VREF2
O
A
Reference voltage source capacitor connection (0.5AVDD2)
2 4
AVDD2
A
Analog supply 2


유사한 부품 번호 - SM6452BM

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Nippon Precision Circui...
SM6451 NPC-SM6451 Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6451AT NPC-SM6451AT Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6451AV NPC-SM6451AV Datasheet
149Kb / 12P
   Audio Variable Volume IC
More results

유사한 설명 - SM6452BM

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Rohm
BA5404 ROHM-BA5404 Datasheet
204Kb / 2P
   ICs FOR AUDIO APPLICATIONS
logo
Sanyo Semicon Device
LV1117N SANYO-LV1117N Datasheet
335Kb / 18P
   Surround Processor ICs for Electronic Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com