전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6610AD 데이터시트(PDF) 4 Page - Nippon Precision Circuits Inc

부품명 SM6610AD
상세설명  CMOS Monolithic Temperature Sensor IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6610AD 데이터시트(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6610AD Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6610AD Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6610AD Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6610AD Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6610AD Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6610AD Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SM6610 series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
DC Characteristics
VDD = 5.0 V, VSS = 0 V, Ta = –40 to 100 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD
No load
5.5
10.0
µA
Output voltage1
1. Provisional value
V OUT
Ta
= − 30 °C
A
× version
2.468
2.521
2.574
V
Ta
= + 25 °C
1.880
1.933
1.986
V
Ta
= + 100 °C
1.077
1.130
1.183
V
Ta
= − 30 °C
B
× version
1.859
1.900
1.941
V
Ta
= + 25 °C
1.408
1.449
1.490
V
Ta
= + 100 °C
0.793
0.834
0.875
V
Temper ature coefficient1, 2
2. Temper ature coefficient: T C = (VOUT (@100°C) − VOUT (@− 30°C))/130
T C
Ta
= − 30 to + 100 °C
A
× version
− 10.7
m V /
°C
B
× version
− 8.2
m V /
°C
Linearity3
3. Linearity: NL = (a/b) × 100
a: Maximu m d eviation between measured and approximate value in the range of – 20
°C to + 80°C.
b: Measured value difference between the values at – 20
°C and + 80°C.
N L
Ta
= − 20 to + 80 °C–
± 0.5
%
Maxim um capacitive load
C L
100
p F
Maxim um output current load
IL
V DD = 2.4V
± 50
µA
V DD = 4.5V
± 250
µA
Star t up time
tD
300
µs
PDN Input voltage
V IH
V DD − 0.3
V
V IL
––
V SS + 0.3
V
Ta
a
a
a
0 C
VTEMP(V)
b
Approximate value
Measured value
V (
−20 C)
−20 C
80 C
V (80 C)


유사한 부품 번호 - SM6610AD

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
More results

유사한 설명 - SM6610AD

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com