전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV251-TB-E 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 1SV251-TB-E
상세설명  PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SV251-TB-E 데이터시트(HTML) 1 Page - ON Semiconductor

  1SV251-TB-E Datasheet HTML 1Page - ON Semiconductor 1SV251-TB-E Datasheet HTML 2Page - ON Semiconductor 1SV251-TB-E Datasheet HTML 3Page - ON Semiconductor 1SV251-TB-E Datasheet HTML 4Page - ON Semiconductor 1SV251-TB-E Datasheet HTML 5Page - ON Semiconductor 1SV251-TB-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
72512 TKIM/41098HA (KT)/40593YH (KOTO) No.4403-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
1SV251
PIN Diode
Dual series PIN Diode for VHF, UHF and AGC
50V, 50mA, rs=max 4.5Ω, CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Small-sized package facilitates high-density mounting and permits 1SV251-applied equipment to be made smaller
Small interterminal capacitance (C=0.23pF typ)
Small forward series resistance (rs=4.5
Ω max)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Allowable Power Dissipation
P
150
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-008
Ordering number : EN4403B
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Cathode
3 : Cathode / Anode
CP
12
3
2.9
0.95
0.4
0.1
TB
GV
1SV251-TB-E
3
12


유사한 부품 번호 - 1SV251-TB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
logo
Guangdong Kexin Industr...
1SV251 KEXIN-1SV251 Datasheet
36Kb / 1P
   PIN Diode for VHF, UHF, AGC Applications
logo
Sanyo Semicon Device
1SV251 SANYO-1SV251 Datasheet
354Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251_12 Datasheet
354Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
More results

유사한 설명 - 1SV251-TB-E

제조업체부품명데이터시트상세설명
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com