전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1946 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LB1946
상세설명  PWM Current Control Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1946 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LB1946 Datasheet HTML 5Page - ON Semiconductor LB1946 Datasheet HTML 6Page - ON Semiconductor LB1946 Datasheet HTML 7Page - ON Semiconductor LB1946 Datasheet HTML 8Page - ON Semiconductor LB1946 Datasheet HTML 9Page - ON Semiconductor LB1946 Datasheet HTML 10Page - ON Semiconductor LB1946 Datasheet HTML 11Page - ON Semiconductor LB1946 Datasheet HTML 12Page - ON Semiconductor LB1946 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LB1946
No.7115-9/16
Sample Application Circuit at VCC=5V
10
2
13
14
12
11
9
8
7
6
5
4
3
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
LB1946
Logic level inputs
L
L
SBD
SBD
SBD
SBD
MD voltage setting
(1.6 to 3.9V)
Fast mode: GND
Slow mode: VCC
Top view


유사한 부품 번호 - LB1946

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946 Datasheet
387Kb / 16P
   LB1946
LB1946 SANYO-LB1946 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_12 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
More results

유사한 설명 - LB1946

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_12 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com