전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11946 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB11946
상세설명  Stepping Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11946 데이터시트(HTML) 2 Page - ON Semiconductor

  LB11946 Datasheet HTML 1Page - ON Semiconductor LB11946 Datasheet HTML 2Page - ON Semiconductor LB11946 Datasheet HTML 3Page - ON Semiconductor LB11946 Datasheet HTML 4Page - ON Semiconductor LB11946 Datasheet HTML 5Page - ON Semiconductor LB11946 Datasheet HTML 6Page - ON Semiconductor LB11946 Datasheet HTML 7Page - ON Semiconductor LB11946 Datasheet HTML 8Page - ON Semiconductor LB11946 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LB11946
No.7946-2/14
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
10 to 45
V
VCC = 5V specifications
4.5 to 5.5
V
Logic system supply voltage
VCC
VCC = 3.3V specifications
3.0 to 3.6
V
VCC = 5V specifications
0.0 to 3.0
V
Reference voltage
VREF
VCC = 3.3V specifications
0.0 to 1.0
V
Electrical Characteristics at Ta = 25
°C, VCC = 5V, VBB = 42V, VREF = 1.52V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Block
IBB ON
0.9
1.3
1.7
mA
Output stage supply current
IBB OFF
0.52
0.7
1.05
mA
VO(sat) 1
IO = +0.5A (sink)
1.1
1.4
V
VO(sat) 2
IO = +1.0A (sink)
1.4
1.7
V
VO(sat) 3
IO = -0.5A (source)
1.9
2.2
V
Output saturation voltage
VO(sat) 4
IO = -1.0A (source)
2.2
2.5
V
IO1 (leak)
VO = VBB (sink)
50
μA
Output leakage current
IO2 (leak)
VO = 0V (source)
-50
μA
Output sustain voltage
VSUS
L = 15mH, IO = 1.0A, Design guarantee *
45
V
Logic Block
ICC ON
D0 = 1, D1 = 1, D2 = 1, D3 = 1 When these data
values are set
24
35
46
mA
ICC OFF1
D0 = 0, D1 = 0, D2 = 0, D3 = 0
22
32
42
mA
Logic system supply current
ICC OFF2
ST = LOW
0.05
0.1
mA
VIH
2
V
Input voltage
VIL
0.8
V
IIH
VIH = 2 V
35
μA
Input current
IIL
VIL = 0.8 V
6
μA
D0 = 1, D1 = 1, D2 = 1, D3 = 1 When these data
values are set
0.470
0.50
0.525
V
D0 = 1, D1 = 1, D2 = 1, D3 = 0
0.445
0.48
0.505
V
D0 = 1, D1 = 1, D2 = 0, D3 = 1
0.425
0.46
0.485
V
D0 = 1, D1 = 1, D2 = 0, D3 = 0
0.410
0.43
0.465
V
D0 = 1, D1 = 0, D2 = 1, D3 = 1
0.385
0.41
0.435
V
D0 = 1, D1 = 0, D2 = 1, D3 = 0
0.365
0.39
0.415
V
D0 = 1, D1 = 0, D2 = 0, D3 = 1
0.345
0.37
0.385
V
D0 = 1, D1 = 0, D2 = 0, D3 = 0
0.325
0.35
0.365
V
D0 = 0, D1 = 1, D2 = 1, D3 = 1
0.280
0.30
0.325
V
D0 = 0, D1 = 1, D2 = 1, D3 = 0
0.240
0.26
0.285
V
D0 = 0, D1 = 1, D2 = 0, D3 = 1
0.195
0.22
0.235
V
D0 = 0, D1 = 1, D2 = 0, D3 = 0
0.155
0.17
0.190
V
D0 = 0, D1 = 0, D2 = 1, D3 = 1
0.115
0.13
0.145
V
Sense voltages
VE
D0 = 0, D1 = 0, D2 = 1, D3 = 0
0.075
0.09
0.100
V
Reference current
IREF
VREF = 1.5V
-0.5
μA
CR pin current
ICR
CR = 1.0V
-1.6
-1.2
-0.8
mA
MD pin current
IMD
MD = 1.0V, CR = 4.0V
-5.0
μA
Logic system on voltage
VLSDON
2.6
2.8
3.0
V
Logic system off voltage
VLSDOFF
2.45
2.65
2.85
V
LVSD hysteresis
VLHIS
0.03
0.15
0.35
V
Thermal shutdown temperature
Ts
Design guarantee *
170
°C
*Design guarantee: Design guarantee value, Do not measurement.


유사한 부품 번호 - LB11946

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
165Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_10 Datasheet
165Kb / 14P
   PWM Current Control Stepping Motor Driver
More results

유사한 설명 - LB11946

제조업체부품명데이터시트상세설명
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com