전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P001-3-720X 데이터시트(PDF) 1 Page - Ensign Corporation

부품명 P001-3-720X
상세설명  POWER TRANSFORMER CAPTAIN CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ENSIGN [Ensign Corporation]
홈페이지  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

P001-3-720X 데이터시트(HTML) 1 Page - Ensign Corporation

  P001-3-720X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
CAPTAIN CLASS
P001-1-XXXX
P001-2-XXXX
P001-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Secondary Connection
P001-1-710X
P001-2-710X
P001-3-710X
10V @ 0.11A
P001-1-712X
P001-2-712X
P001-3-712X
12.6V @ 0.09A
P001-1-716X
P001-2-716X
P001-3-716X
16V @ 0.07A
P001-1-720X
P001-2-720X
P001-3-720X
20V @ 0.055A
CAPTAIN CLASS - PRINTED CIRCUIT MOUNT, STANDARD PROFILE POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 1.1VA
B. Input Voltage and Frequency: 115V, 115/230V, 230V @ 50/60Hz
C. Voltage Regulation: 25% TYP @ Full Load to No Load
D. Temperature Rise: 20 C TYP
E. Insulation Resistance: > 1 MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code, terminal numbers
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
UL/cUL 5085-3 Class 2 Recognized (File E43609)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output
CLASS 2


유사한 부품 번호 - P001-3-720X

제조업체부품명데이터시트상세설명
logo
Ensign Corporation
P001-3-720X ENSIGN-P001-3-720X Datasheet
299Kb / 1P
   Captain Class
More results

유사한 설명 - P001-3-720X

제조업체부품명데이터시트상세설명
logo
Ensign Corporation
P002-1-710X ENSIGN-P002-1-710X Datasheet
289Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-010X ENSIGN-P001-1-010X Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-010X ENSIGN-P002-1-010X Datasheet
276Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P006-1-010X ENSIGN-P006-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P012-1-010X ENSIGN-P012-1-010X Datasheet
306Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P036-1-010X ENSIGN-P036-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P006 ENSIGN-P006 Datasheet
536Kb / 3P
   Captain Class
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com