전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8578BV 데이터시트(PDF) 9 Page - Nippon Precision Circuits Inc

부품명 SM8578BV
상세설명  Real-time Clock IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8578BV 데이터시트(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8578BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SM8578BV
NIPPON PRECISION CIRCUITS INC.—9
Frequency Setting Register (Register B)
I
This register contains the arbitrary frequency setting for output on INTN.
The FD4 and FD3 bits set the frequency divider source clock, and the FD2 to FD0 bits set the frequency
divider ratio of the source clock (output frequency = source clock frequency
× frequency divider ratio).
The FE bit must be set to “1” to enable frequency output on INTN, with frequency given by the frequency
set register (with the AIE and TIE bits set to “0”).
I
When the FE bit is set to “0”, the output is disabled and is high impedance (Hi-Z).
Control Register 1 (Register E)
This register controls alarm interrupts and timer interrupts.
I
TI/TP bit: Interrupt Signal Output Mode Select. Interrupt/Periodic
This selects the timer interrupt signal output mode (with the FE and AIE bits set to “0”).
I
AF, TF bits: Alarm Flag, Timer Flag
The AF bit is set to “1” when an alarm occurs, and the TF bit is set to “1” when the timer is zero.
The data bits are maintained until “0” data is written to both bits.
Note that “1” data cannot be written to both bits.
I
AIE, TIE bits: Alarm, Timer Interrupt Enable
These bits determine the output on INTN when alarm or timer interrupt events occur.
AIE is the alarm interrupt enable flag, and TIE is the timer interrupt enable flag.
The alarm or timer interrupt is enabled when the corresponding enable bit is set to “1” (both interrupts are
output if both bits are set to “1”, so setting both bits to “1” should be avoided).
FD4
FD3
Source clock
0
0
32768Hz
0
1
1024Hz
1
0
32Hz
1
1
1Hz
FD2
FD1
FD0
Frequency divider ratio
000
1/1
001
1/2
010
1/3
011
1/6
100
1/5
1
0
1
1/10
1
1
0
1/15
1
1
1
1/30
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
E
*
*
*
TI/TP
AF
TF
AIE
TIE
TI/TP
0
1
Mode
<Level interrupt mode>
INTN goes LOW immediately when a timer interrupt occurs.
INTN remains LOW until the TF bit is set to “0” (with TIE = “1”).
<Periodic interrupt mode (interval interrupt)>
INTN goes LOW immediately when a timer interrupt occurs (with
TIE = “1”), the TF bit is set to “1”, and then INTN becomes high
impedance until “0” data is written to the TF bit.


유사한 부품 번호 - SM8578BV

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
More results

유사한 설명 - SM8578BV

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
   ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com