전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-1U46ES 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SS-1U46ES
상세설명  460W power supply for 1U Single Efficiency??6%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U46ES 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-1U46ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Model Name: SS-1U46ES
(460W power supply for 1U Single Efficiency≧
≧86%)
1. Specification
1.1.AC Input Voltage Range: 100VAC ~ 240VAC,
±10%, 47 to 63 Hz.
1.2.INPUT CURRENT:8.0 A ( RMS ) FOR 115VAC /4.0 A ( RMS ) FOR 230VAC.
1.3. Input Power Factor: The minimum power factor at full load shall be
0.98/115V 60 Hz and 0.95/230V 50 Hz.
1.4. Inrush current: 35A MAX. FOR 115 VAC / 55A MAX. FOR 230 VAC.
1.5.DC Output: 460W maximum.
Output-1 Output-2
Output-3
Output-4
Output-5
Output Voltage
+5V DC +12V DC
-12V DC +3.3V DC
+5VSB
Output Current (Max.)
25A
34A
0.8A
25A
3.5A
Output Current (Min.)
0.5A
2A
0A
0.5A
0.1A
Ripple/Noise Max.(P-P):
60mV
120mV
120mV
60mV
60mV
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Load Regulation:
±5﹪
±5﹪
±5﹪
±5﹪
±5﹪
Note:
1. Noise Test – Noise bandwidth is from DC to 20 MHz.
2. Ripple frequencies greater than 1MHz shall be attenuated by the measurement
System.


유사한 부품 번호 - SS-1U46ES

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SS-1U40ES ETC2-SS-1U40ES Datasheet
224Kb / 6P
   The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
More results

유사한 설명 - SS-1U46ES

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1D-460D1 ETC2-M1D-460D1 Datasheet
292Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-460B1 ETC2-M1C-460B1 Datasheet
235Kb / 11P
   460W Power Supply for 1U Easy Swap
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
SS-1U60EL ETC2-SS-1U60EL Datasheet
214Kb / 6P
   600W power supply for 1U Single Efficiency:87.71%
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
M1C-460A1 ETC2-M1C-460A1 Datasheet
237Kb / 11P
   460W Power Supply for Easy Swap
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
EFRP-2462 ETC2-EFRP-2462 Datasheet
498Kb / 2P
   PS2 Mini Redundant 460W Power Supply
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com