전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC714M 데이터시트(PDF) 1 Page - AUK corp

부품명 SPC714M
상세설명  Mini Flat Photo Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SPC714M 데이터시트(HTML) 1 Page - AUK corp

  SPC714M Datasheet HTML 1Page - AUK corp SPC714M Datasheet HTML 2Page - AUK corp SPC714M Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KPC-0002-000
1
SPC714M
Mini Flat Photo Coupler
Features
• Office machine
• AC/DC input module
• Telecommunication
• Programmable controller
• Power supply
l
UL recognized file No. E192807
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
4.4±0.2
95°
7.0 TYP
2
1
0.2±0.05
3.6±0.2
Anode Mark
0.4±0.2
2.6±0.2
3
0.5 MIN
4
0.1±0.05
85.0°
2.54±0.2
PIN Connections
1.Anode(Cathode)
2.Cathode(Anode)
3.Emitter
4.Collector


유사한 부품 번호 - SPC714M

제조업체부품명데이터시트상세설명
logo
AUK corp
SPC714 AUK-SPC714 Datasheet
64Kb / 3P
   DIP Photo Coupler
More results

유사한 설명 - SPC714M

제조업체부품명데이터시트상세설명
logo
AUK corp
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC815M AUK-SPC815M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC717M AUK-SPC717M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
logo
TAITRON Components Inco...
KPC357NT TAITRON-KPC357NT Datasheet
170Kb / 8P
   Mini-flat Package General Purpose Photo Coupler
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT Datasheet
330Kb / 2P
   Mini-flat package General purpose Photo Coupler
KPC354NT COSMO-KPC354NT Datasheet
280Kb / 2P
   Mini-flat package AC Input type Photo Coupler
logo
Sharp Corporation
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
   Mini-flat Type Phototriac Coupler
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
   Mini-Flat Type Phototriac Coupler
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com