전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI5842-H 데이터시트(PDF) 1 Page - AUK corp

부품명 SPI5842-H
상세설명  Photo Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SPI5842-H 데이터시트(HTML) 1 Page - AUK corp

  SPI5842-H Datasheet HTML 1Page - AUK corp SPI5842-H Datasheet HTML 2Page - AUK corp SPI5842-H Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KPE-0001-000
1
SPI5842-H
Photo Diode
Features
• Peak sensitivity wavelength matching with infrared LED(λ
P=950nm)
• 4.8mm ×5.5mm side view package
• Black colored visible light cut-off lens
Application
• Infrared remote controllers for TVs, VCRs, Audio equipment etc
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
18.0±1.0
5.6±0.2
Typ.0.5
5.55±0.2
4.8±0.2
1.75
3.65±0.2
0.6
2.54
PIN Connections
1. Anode
2.Cathode


유사한 부품 번호 - SPI5842-H

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SPI5842-H KODENSHI-SPI5842-H Datasheet
164Kb / 4P
   Photo Diode
More results

유사한 설명 - SPI5842-H

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
   PHOTO DIODE
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
   Photo Diode
logo
Marktech Corporate
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
   Photo Diode
logo
Roithner LaserTechnik G...
EPD-365-0-1.4 ROITHNER-EPD-365-0-1.4 Datasheet
212Kb / 2P
   Photo diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
   Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
   Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
   PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
   PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
   PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com