전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM9103M 데이터시트(PDF) 6 Page - Nippon Precision Circuits Inc

부품명 SM9103M
상세설명  DVDRAM Head Amplifier LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9103M 데이터시트(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM9103M Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 9Page - Nippon Precision Circuits Inc SM9103M Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SM9103M
NIPPON PRECISION CIRCUITS—6
Data Signal Processor Characteristics
VCC = 5 V ± 5%, GND = 0 V, Ta = 0 to 70 °C
Parameter
Condition
Rating
Unit
min
typ
max
DATAP
−DATAN current-to-voltage
converter coefficient1
1. [DATAP
− DATAN] = K × [I
T1 + IT2 + IT3 + IT4]
RAM read
10.0
12.5
15.0
k
ROM read
2.50
3.12
3.74
CAPAP
−CAPAN current-to-voltage
converter coefficient2
2. [CAPAP
− CAPAN] = K × {[I
T1 + IT2] − [IT3 + IT4]}
RAM read
11.3
14.1
16.9
k
DATAP, DATAN, CAPAP, CAPAN output
impedance
100
DATAP, DATAN, CAPAP, CAPAN output
center voltage3
3. 5 k
Ω load connected to ground to prevent abnormal operation
No signal
0.9VREF
1.1VREF
V
CAPAP, CAPAN output center voltage
difference3
No signal
±50
mV
DATAP, DATAN, CAPAP, CAPAN output
operating output voltage
10 k
Ω load, output center voltage reference
−0.7
+0.7
V
Variable coefficient switching time
RAM
↔ ROM read
10
ms
Saturation output reset time4
4. Converging to within final value ± 10%
RAM write
→ RAM read
500
ns
DATAP, DATAN signal bandwidth5
5. 10 pF input load capacitors connected to T1, T2, T3, T4. DATAP, DATAN, CAPAP, CAPAN output load conditions shown below.
f = 100 kHz
−3 dB frequency
19
MHz
CAPAP, CAPAN signal bandwidth5
f = 100 kHz
−3 dB frequency
20
MHz
DATAP
−DATAN, CAPAP−CAPAN gain
peaking5
f = 100 kHz
−3 dB frequency
−3
+0.5
dB
DATAP
−DATAN, CAPAP−CAPAN group
delay time5
f = 1 to 10 MHz
±1.0
ns
0.01
µF
0.01
µF
5pF
5pF
5pF
5pF
10k
DATAP
DATAN
0.01
µF
0.01
µF
10pF
5pF
10pF
5pF
10k
CAPAP
CAPAN


유사한 부품 번호 - SM9103M

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SM91047EL BOURNS-SM91047EL Datasheet
439Kb / 2P
   Flyback Transformer
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
   10/100 Base-T Transformer
SM91071AL-E BOURNS-SM91071AL-E Datasheet
487Kb / 4P
   10/100 Base-T Transformer
SM91072AL BOURNS-SM91072AL Datasheet
500Kb / 4P
   10/100 Base-T Transformer
SM91072AL-E BOURNS-SM91072AL-E Datasheet
500Kb / 4P
   10/100 Base-T Transformer
More results

유사한 설명 - SM9103M

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM9403BM NPC-SM9403BM Datasheet
142Kb / 18P
   DVDRAM Servo-amplifier LSI
logo
Panasonic Semiconductor
AN3311K PANASONIC-AN3311K Datasheet
31Kb / 1P
   Head Amplifier ICs for 4-Head VCR
AN6320N PANASONIC-AN6320N Datasheet
192Kb / 4P
   VTR Head Amplifier Circuit
logo
Sanyo Semicon Device
LA7320 SANYO-LA7320 Datasheet
257Kb / 6P
   VHS VTR Playblack Head Amplifier Recording Amplifier
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
NTE1806 NTE-NTE1806 Datasheet
22Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 4 Head VCR
NTE1807 NTE-NTE1807 Datasheet
20Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
logo
Sony Corporation
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com