전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC-1U40 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 TC-1U40
상세설명  DC output 400w maximum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1U40 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  TC-1U40 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4. RELIABILITY
4.1 MTBF OF POWER SUPPLY ELECTRONIS
100,000 hours at full load and 25℃ ambient temperature
4.2 LIFE EXPECTANCY OF FAN
40,000 hours at 40℃
5. AGENCY APPROVALS
UL 1950 QQGQ2
UL 1950 QQGQ8
TUV Rheinland ( EN60950-1+A12; IEC:60950 )
6. EMI
FCC part 15, Subpart B, Class A
EN55022 CISPR22 Class A,
EN61000-3-3;1995
EN61000-4-2, -3, -4, -5, -6, -11
7. DIMENSION
L 200 x W 100 x H 41.5 mm


유사한 부품 번호 - TC-1U40

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
More results

유사한 설명 - TC-1U40

제조업체부품명데이터시트상세설명
logo
DENSEI-LAMBDA
PAF400F280 LAMBDA-PAF400F280 Datasheet
106Kb / 1P
   DC-DC Module 400W
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A_13 Datasheet
400Kb / 3P
   400W Single Output Series
logo
Delta Electronics, Inc.
DIM3R3400 DELTA-DIM3R3400 Datasheet
750Kb / 16P
   400W DC/DC Power Modules
Q48SC12033 DELTA-Q48SC12033 Datasheet
1Mb / 28P
   400W DC/DC Power Modules
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A Datasheet
903Kb / 3P
   400W Single Output Series
logo
Mean Well Enterprises C...
EPP-400 MEANWELL-EPP-400 Datasheet
549Kb / 4P
   400W Single Output with PFC Function
ERPF-400 MEANWELL-ERPF-400 Datasheet
120Kb / 4P
   400W Single Output Switching Power Supply
NEL-400 MEANWELL-NEL-400 Datasheet
538Kb / 2P
   400W Single Output Switching Power Supply
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com