전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC-550PA 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 TC-550PA
상세설명  AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550PA 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-550PA Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-550PA Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-550PA Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-550PA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
PURPLE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
ORANGE(PG)
BROWN(+5VSB)
WHITE(-5V)
BLUE(-12V)
YELLOW(+12V)
GRAY(PS-ON)
WIRE
COLOR
BLACK(GND)
570mm/18AWG
570mm/22AWG
570mm/18AWG
570mm/20AWG
570mm/18AWG
570mm/18AWG
LENGTH
LENGTH
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW):P4H1~P4H4
COM
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
Connector HOUSING: AMP 480424-0 or equivalent
P4H1
COM
COM
BLACK
580mm ±15mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
Housing
Housing
P4
570mm/18AWG
570mm/18AWG
PURPLE(+3.3V)
PURPLE(+3.3V)
PURPLE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
PURPLE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
COM
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H2
P4H5
P4H3
150mm ±15mm
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAWNO
圖號
UNITS
單位
DRAWBY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
SURE STAR
2010,12,23
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
8Pins(EPS12V)
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
580mm ±15mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P8
530mm ±15mm
TERMINAL: AMP 170262-2 or equivalent
4Pins(FLOPPY DISK):P4F
Connector HOUSING: AMP 171822-4 or equivalent
P4H4
03
P4F1
150mm ±15mm
22AWG
22AWG
22AWG
22AWG
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
TC-XXXPA HARNESS
570mm/18AWG
Pin
No.
LENGTH
HOUSING
S1
WIRE
COLOR
Orange/Orang
e 530mm/18AWG
530mm/18AWG
530mm/18AWG
530mm/18AWG
530mm/18AWG
S2
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
1
2
3
4
5
1
2
3
4
5
S.ATA-530L+ S.ATA-150L
PIN8
PIN4
PIN1
PIN5
PIN4
PIN2
PIN1
PIN3
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
P8
P4
L=150mm±15mm
L=530mm±15mm
L=580mm±15mm
L=580mm±15mm
L=570mm±15mm
P4H2
P4H1
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=530mm±15mm
P4H4
P4H3
PIN13
PIN1
PIN12
PIN24
P24
L=530mm±15mm
L=150mm±15mm
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
S1
S2
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
P4F1
P4H5
P4H6
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=150mm±15mm
L=530mm±15mm
WIRE OUTPUT OF PSU CASE
Black/Black
Red / Red
Orange/Orange
Black/Black
Orange
Black
Red
Black
Yellow
P4H6
Note: Specification and wiring diagram subject to change without notice.


유사한 부품 번호 - TC-550PA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-550RVN2 ETC2-TC-550RVN2 Datasheet
359Kb / 16P
   550W550W for IPC-Computer
More results

유사한 설명 - TC-550PA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
   AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
   AC Input Voltage: 90~264V
TC-700PL ETC2-TC-700PL Datasheet
177Kb / 4P
   AC Input Voltage: 90~264V
TC-900PL ETC2-TC-900PL Datasheet
187Kb / 4P
   AC Input Voltage: 90~264V
TC-800PL ETC2-TC-800PL Datasheet
178Kb / 4P
   AC Input Voltage: 90~264V
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIUU-80 TOTAL-POWER-TPIUU-80 Datasheet
273Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-61 TOTAL-POWER-TPSBU-61 Datasheet
270Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com