전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC-2000RVN4 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 TC-2000RVN4
상세설명  2000W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2000RVN4 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TC-2000RVN4 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3.9 Hot-swap procedures
Please refer to the following when either power module or the fan found
defective.
A) Locate the defective power module by examining the individual LED (if LED
without light, it indicates the power module is defective).
WARNING:
Please perform the above step carefully otherwise it may cause shut down the
whole system.
WARNING:
Please do not remove the defective power module until you have worn gloves to
keep from be burned. This is due to the cover of the power module is used as heat
sink for cooling, usually the temperature is around 50 ~ 60 degree Celsius under
full load condition.
B) Loosen the bracket screws of the power module
C) Remove the defective power module by pulling out method
WARNING:
Please put aside the power module await for cooling down. Keep from other
people tough it until it is cool.
D) Replace a new Good power module, insert the power module into the power
system to the end.
E) Check the LED of the power module light Green.
F) Check the LED indicating the total power system status. It should be from
twinkle to Green.
G) Tighten the screws of the power module to fix it.


유사한 부품 번호 - TC-2000RVN4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
   2000W Redundant Power Supply
More results

유사한 설명 - TC-2000RVN4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
   2000W Redundant Power Supply
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
Mean Well Enterprises C...
RSP-2000_1112 MEANWELL-RSP-2000_1112 Datasheet
291Kb / 5P
   2000W Single Output Power Supply
RSP-2000 MEANWELL-RSP-2000 Datasheet
290Kb / 5P
   2000W Single Output Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com