전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72725KV 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC72725KV
상세설명  RDS(RBDS) Demodulation IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72725KV 데이터시트(HTML) 2 Page - ON Semiconductor

  LC72725KV Datasheet HTML 1Page - ON Semiconductor LC72725KV Datasheet HTML 2Page - ON Semiconductor LC72725KV Datasheet HTML 3Page - ON Semiconductor LC72725KV Datasheet HTML 4Page - ON Semiconductor LC72725KV Datasheet HTML 5Page - ON Semiconductor LC72725KV Datasheet HTML 6Page - ON Semiconductor LC72725KV Datasheet HTML 7Page - ON Semiconductor LC72725KV Datasheet HTML 8Page - ON Semiconductor LC72725KV Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LC72725KV
No.A0503-2/9
Continued from preceding page.
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
Allowable power dissipation
Pd max
Ta
≤85°C
100
mW
Operating temperature
Topr1
VDD = 2.7V to 5.5V
-20 to +70
°C
Topr2
VDD = 3.0V to 5.5V
-40 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta = -20 to +70
°C, VSSd = VSSa = 0V, VDDd = VDDa = 2.7V to 5.5V
Ta = -40 to +85
°C, VSSd = VSSa = 0V, VDDd = VDDa = 3.0V to 5.5V
Parameter
Symbol
Pin Name
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD1
VDDd, VDDa
Ta = -20 to +70
°C
2.7
5.5
V
VDD2
VDDd, VDDa
Ta = -40 to +85
°C
3.0
5.5
Input high-level voltage
VIH1
TEST, MODE, RST
0.7VDDd
6.5
V
VIH2
RDCL
0.7VDDd
VDDdV
Input low-level voltage
VIL
TEST, MODE, RST,
RDCL
0
0.3VDDdV
Output voltage
VO1
RDDA, RDCL
VDDdV
VO2
RDS-ID(READY)
6.5
V
Input amplitude
VIN
MPXIN
f = 57
±2kHz
1.6
50
mVrms
VXIN
XIN
400
1500
mVrms
Guaranteed crystal
oscillator frequencies
Xtal
XIN, XOUT
CI
≤120Ω
4.332
MHz
Crystal oscillator operating
range
TXtal
XIN, XOUT
Fo = 4.332MHz
±100
ppm
RDCL setup time
tCS
RDCL, RDDA
0
μs
RDCL high-level time
tCH
RDCL
0.75
μs
RDCL low-level time
tCL
RDCL
0.75
μs
Data output time
tDC
RDCL, RDDA
0.75
μs
READY output time
tRC
RDCL, READY
0.75
μs
READY low-level time
tRL
READY
107
ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


유사한 부품 번호 - LC72725KV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72725KV SANYO-LC72725KV Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KV SANYO-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
More results

유사한 설명 - LC72725KV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com