전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK760-213A-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 STK760-213A-E
상세설명  Single-phase rectification Active Converter Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK760-213A-E 데이터시트(HTML) 5 Page - ON Semiconductor

  STK760-213A-E Datasheet HTML 1Page - ON Semiconductor STK760-213A-E Datasheet HTML 2Page - ON Semiconductor STK760-213A-E Datasheet HTML 3Page - ON Semiconductor STK760-213A-E Datasheet HTML 4Page - ON Semiconductor STK760-213A-E Datasheet HTML 5Page - ON Semiconductor STK760-213A-E Datasheet HTML 6Page - ON Semiconductor STK760-213A-E Datasheet HTML 7Page - ON Semiconductor STK760-213A-E Datasheet HTML 8Page - ON Semiconductor STK760-213A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STK760-213A-E
No.A1790-5/11
Block Diagram
C
(D1)
FRD1
IGBT
VCC
(TR1) (TR2)
IGBT
driver
S
VM
0
R
Q
Drive circuit
Enable mode
RC averaging
Biss & internal reference
Vm
Vref
Enable
Discharge
VthBOP
BOP Comparator
Vcomp start
Voltage
Error Amp
Comparator
Discharge Vcomp
Input peak current
protection
OVP/Enable
detector
VO control
buffer
Output voltage
detector
Max Duty
Cycle
Integrated
Ramp Oscillator
UVLO Block
FRD2
(D2)
E
VIS
VCC
VCOMP
VTH
VH1
K
VOVP
VFB
VCAO
Vctl
VONF
GND
Σ
Explanation of Terminal
Terminal No.
Symbol
Explanation
1
VCC
Control IC power supply input
2
VONF
ON/OFF control terminal
3
GND
Signal GND
4
VIS
Current detection terminal
5
VCOMP
Phase compensation terminal (Voltage error amplifier out)
6
Vctl
Output voltage control signal input
7
VCAO
Output voltage control amplifier output
8
VFB
Output voltage feed back terminal
9
VOVP
Over voltage protection terminal
10
VTH
Terminal of thermistor TH1
11, 12
-
An empty terminal
13, 14
E
IGBT (TR1+TR2) Emitter
15, 16
-
An empty terminal
17, 18
C
IGBT (TR1+TR2) Collector
19, 20
-
An empty terminal
21, 22
K
FRD1 (D1) Cathode


유사한 부품 번호 - STK760-213A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
More results

유사한 설명 - STK760-213A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com