전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2DS-0503SH52Z 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM2DS-0503SH52Z
상세설명  RoHS compliant SIP7 package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-0503SH52Z 데이터시트(HTML) 3 Page - AIMTEC

  AM2DS-0503SH52Z Datasheet HTML 1Page - AIMTEC AM2DS-0503SH52Z Datasheet HTML 2Page - AIMTEC AM2DS-0503SH52Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM2DS-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6
3 of 3
North America only
Pin Out Specifications
Dimensions
Pin
5200 VDC
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
5
- V Output
- V Output
6
No pin
Common
7
+ V Output
+ V Output
Input Reflected Ripple Current Test Circuit
EMI Filter Circuit recommendation
Aimtec
DC-DC
Converter
L1
C2
Vin+
Vin-
+
-
Vo+
Vo-
C1
C3
Vin
C1
L1
C2
C3
5, 12, 15 V
470 µF / 100V
18 µH
24 V
470 µF / 100V
18 µH
2.2 µF / 100V
470 pF / 2kV
* Electrolytic type
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Aimtec
DC-DC
Converter
L1
(12 µh)
C1
(47 µf)
Test
Point
RL
(Full Load)
Vin+
Vin-
+
-
Vo+
Vo-
* Tested at full load, and nominal input
19.50
(0.76)
15.20
(0.60)
2.54
(0.10)
7.20
(0.28)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
7.20
(0.28)
10.00
(0.39)
3.05
(0.12)
NOTE: Unit:mm [inch]
Pin Diameter: 0.50 ± 0.05mm [0.02 ± 0.002 inch]
Pin Pitch tolerance: ±0.35mm [ ±0.014 inch]
Case tolerance: ±0.50mm [ ±0.02 inch]
9.50
(0.37)


유사한 부품 번호 - AM2DS-0503SH52Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2DS-0503S-NZ AIMTEC-AM2DS-0503S-NZ Datasheet
193Kb / 5P
   Pin compatible with multiple manufacturers
AM2DS-0503S-NZ AIMTEC-AM2DS-0503S-NZ Datasheet
193Kb / 5P
   2 Watt | DC-DC Converter
More results

유사한 설명 - AM2DS-0503SH52Z

제조업체부품명데이터시트상세설명
logo
Littelfuse
S-2025L LITTELFUSE-S-2025L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
Recom International Pow...
RKE-0505S-H RECOM-RKE-0505S-H Datasheet
256Kb / 4P
   1 Watt SIP7 Package
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
   48-pin QFN (RoHS compliant) package
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB2660 SMSC-EVB-USB2660 Datasheet
426Kb / 8P
   64-Pin QFN (RoHS compliant) package.
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
   RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
TriQuint Semiconductor
AG303-86 TRIQUINT-AG303-86_15 Datasheet
234Kb / 5P
   Lead-free/RoHS-compliant SOT- 86 package
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com