전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK1828M 데이터시트(PDF) 2 Page - AUK corp

부품명 STK1828M
상세설명  N-Channel Enhancement-Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

STK1828M 데이터시트(HTML) 2 Page - AUK corp

  STK1828M Datasheet HTML 1Page - AUK corp STK1828M Datasheet HTML 2Page - AUK corp STK1828M Datasheet HTML 3Page - AUK corp STK1828M Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-I008-000
2
STK1828M
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Drain-Source voltage
VDS
20
V
Gate-Source voltage
VGSS
10
V
DC Drain current
ID
50
mA
Drain Power dissipation
PD
400
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Drain-Source breakdown voltage
BVDSS
ID=100µA, VGS=0
20
V
Gate-Threshold voltage
Vth
ID=0.1mA, VDS=3V
0.5
1.5
V
Drain cut-off current
IDSS
VDS=20V, VGS=0
1
µA
Gate leakage current
IGSS
VGS=10V, VDS=0
1
µA
Drain-Source on-resistance
RDS(ON)
VGS=2.5V, ID=10mA
10
20
Forward transfer admittance
Yfs
VDS=3V, ID=10mA
20
mS
Input capacitance
Ciss
VDS=3V, VGS=0, f=1MHz
5.5
pF
Output capacitance
Coss
VDS=3V, VGS=0, f=1MHz
6.5
pF
Reverse Transfer capacitance
Crss
VDS=3V, VGS=0, f=1MHz
1.6
pF
Turn-on time
tON
VDD=3V, ID=10mA
VGEN=0~2.5V
0.14
Turn-off time
tOFF
VDD=3V, ID=10mA
VGEN=0~2.5V
0.14


유사한 부품 번호 - STK1828M

제조업체부품명데이터시트상세설명
logo
AUK corp
STK1828EF AUK-STK1828EF Datasheet
284Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828SF AUK-STK1828SF Datasheet
293Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828UF AUK-STK1828UF Datasheet
122Kb / 4P
   N-Channel Enhancement-Mode MOSFET
More results

유사한 설명 - STK1828M

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com