전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM30EW-2412S-NZ 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM30EW-2412S-NZ
상세설명  Continuous Short Circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-2412S-NZ 데이터시트(HTML) 2 Page - AIMTEC

  AM30EW-2412S-NZ Datasheet HTML 1Page - AIMTEC AM30EW-2412S-NZ Datasheet HTML 2Page - AIMTEC AM30EW-2412S-NZ Datasheet HTML 3Page - AIMTEC AM30EW-2412S-NZ Datasheet HTML 4Page - AIMTEC AM30EW-2412S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM30EW-NZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
2 of 5
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
±3
%
Over voltage protection
Zener Diode Clamp
110
160
%
Over current protection
110
190
% of Io
Short Circuit protection
Continuous, hiccup
Short circuit restart
Auto-Recovery
Line voltage regulation
Full load, LL-HL
±0.2
±0.5
% of Vin
Load voltage regulation
0% to 100% load
±0.5
±1
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
20MHz Bandwidth, 5% to 100% load
100
mV p-p
Voltage adjustment range
±10
%
Transient recovery time
25% load step change
500
µS
Transient recovery deviation
25% load step change: 3.3, 5, ±5Vout
25% load step change: others
±5
±3
±8
±5
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
See derating curve
-40 to +75
oC
Storage temperature
-55 to +105
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Aluminum Alloy
Weight
26 without heat sink/ 34 with heat sink
g
Dimensions (L x W x H)
Without heatsink
With heatsink
2 x 1 x 0.47 inches
50.8 x 25.4 x 11.8 mm
2 x 1 x 0.64 inches
50.8 x 25.4 x 16.3 mm
MTBF
>1,000,000 hours (MIL-HDBK -217F, Ground Benign, t=+25
o
C)
Maximum soldering temperature
1.5mm from case for 10 sec
300
oC
Environment Specification
Test
Parameters
Conditions
Vibration
Test mode
10-55Hz
Acceleration
10g, 30min, every axis tested
Safety Specifications
Parameters
Standards
IEC/EN/UL 60950-1 pending
Meet EN 55022, Class B, with external filter & EN 55024: 2010
IEC 61000-4-2, Contact ±4KV, Criteria B
IEC 61000-4-3, 10V/m, Criteria A
IEC 61000-4-4, ±2KV, Criteria B, with external filter
IEC 61000-4-5, ±2KV, Criteria B, with external filter
IEC 61000-4-6, 3Vrms, Criteria A
IEC 61000-4-29, 0-70%, Criteria B


유사한 부품 번호 - AM30EW-2412S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM30EW-2412SZ AIMTEC-AM30EW-2412SZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30EW-2412SZ AIMTEC-AM30EW-2412SZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
More results

유사한 설명 - AM30EW-2412S-NZ

제조업체부품명데이터시트상세설명
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com