전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM8TW-4815SIZ 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM8TW-4815SIZ
상세설명  Input/Output Isolation voltage 1500VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-4815SIZ 데이터시트(HTML) 2 Page - AIMTEC

  AM8TW-4815SIZ Datasheet HTML 1Page - AIMTEC AM8TW-4815SIZ Datasheet HTML 2Page - AIMTEC AM8TW-4815SIZ Datasheet HTML 3Page - AIMTEC AM8TW-4815SIZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM8TW-IZ
8 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
2 of 4
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over voltage protection
Zener diode clamp
Over load protection
Over 110% full load with auto recovery
Line voltage regulation (Single)
HL-LL
±0.5
%
Line voltage regulation (Dual)
HL-LL
±0.5
%
Load voltage regulation (Single)
10-100%
±0.5
%
Load voltage regulation (Dual)
10-100%
±2
%
Temperature coefficient
±0.05
%/
oC
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
Derating above 70
-40 to +75
oC
Storage temperature
-55 to +115
oC
Max Case temperature
95
oC
Derating
Above 70
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Weight
16
g
Dimensions (L x W x H)
Tolerance ±0.5mm
1.25 x 0.80 x 0.42 inches
31.80 x 20.30 x 10.80 mm
MTBF
> 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Standards
Agency approvals
CE
Safety
EN 55022: 2006 + A1: 2007, class A, with external circuit
EN 55024: 1998 + A1:2001 + A2:2003
IEC 61000-4-2: 2008
IEC 61000-4-3: 2006 + A1: 2007
IEC 61000-4-4: 2004, with external circuit
IEC 61000-4-6: 2008
IEC 61000-4-8: 2009


유사한 부품 번호 - AM8TW-4815SIZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM8TW-4815SIZ AIMTEC-AM8TW-4815SIZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-4815SIZ AIMTEC-AM8TW-4815SIZ Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
More results

유사한 설명 - AM8TW-4815SIZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
   High input-output isolation voltage
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
   High isolation voltage between input and output
logo
E&E Magnetic Products L...
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com