전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11852RV 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB11852RV
상세설명  Single-phase Full-wave Pre-driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852RV 데이터시트(HTML) 2 Page - ON Semiconductor

  LB11852RV Datasheet HTML 1Page - ON Semiconductor LB11852RV Datasheet HTML 2Page - ON Semiconductor LB11852RV Datasheet HTML 3Page - ON Semiconductor LB11852RV Datasheet HTML 4Page - ON Semiconductor LB11852RV Datasheet HTML 5Page - ON Semiconductor LB11852RV Datasheet HTML 6Page - ON Semiconductor LB11852RV Datasheet HTML 7Page - ON Semiconductor LB11852RV Datasheet HTML 8Page - ON Semiconductor LB11852RV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LB11852RV
No.A2133-2/12
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC pin maximum supply voltage
VCC max
18
V
OUTN pin maximum output current
IOUTN max
20
mA
OUTP pin maximum Sink current
IOUTP max
20
mA
OUT pin output withstand voltage
VOUT max
18
V
HB maximum output current
HB
10
mA
CTL, C pin withstand voltage
CTL, C max
7V
CVI, LIM pin withstand voltage
CVI, LIM
max
7V
RD output pin output withstand
voltage
RD max
19
V
RD output current
RD max
10
mA
5VREG pin maximum output current
I5VREG max
10
mA
Allowable power dissipation
Pd max
Mounted on a specified board *1
0.8
W
Operating temperature
Topr
-30 to 95
°C
Storage temperature
Tstg
-55 to 150
°C
*1 Mounted on a specified board : 114.3mm
×76.1mm×1.6mm, glass epoxy
*2 Tj max = 150°C. Use the device in a condition that the chip temperature does not exceed Tj = 150°C during operation.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage 1
VCC1
VCC pin
5.5 to 16
V
VCC supply voltage 2
VCC2
VCC -5VREG
4.5 to 5.5
V
CTL input voltage range
VCTL
0 to 5VREG
V
LIM input voltage range
VLIM
0 to 5VREG
V
VCI input voltage range
VCVI
0 to 5VREG
V
Hall input common phase input
voltage range
VICM
0.2 to 3
V
Electrical Characteristics at Ta
= 25°C, VCC = 12V, unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC1
During drive
12
15
mA
Circuit current
ICC2
During lock protection
12
15
mA
5VREG voltage
5VREG
I5VREG = 5mA
4.8
5.0
5.2
V
Current limiting voltage
VLIM
190
210
230
mV
CPWM pin H level voltage
VCRH
2.8
3.0
3.2
V
CPWM pin L level voltage
VCRL
0.9
1.1
1.3
V
CPWM pin charge current
ICPWM1
VCPWM = 0.5V
24
30
36
μA
CPWM pin discharge current
ICPWM2
VCPWM = 3.5V
21
27
33
μA
CPWM oscillation frequency
FPWM
C = 220pF
30
kHz
CT pin H level voltage
VCTH
2.8
3.0
3.2
V
CT pin L level voltage
VCTL
0.9
1.1
1.3
V
CT pin charge current
ICT1
VCT = 2V
1.6
2.0
2.5
μA
CT pin discharge current
ICT2
VCT = 2V
0.16
0.20
0.25
μA
CT pin charge/discharge current ratio
RCT
ICT1/ICT2
8
10
12
times
OUTN pin output H voltage
VONH
IO = 10mA
VCC-0.85
VCC-1.0
V
OUTN pin output L voltage
VONL
IO = 10mA
0.9
1.0
V
OUTP pin output L voltage
VOPL
IO = 10mA
0.5
0.65
V
Hall input sensitivity
VHN
IN+, IN- differential voltage
(including offset and hysteresis)
±15
±25
mV
Continued on next page.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


유사한 부품 번호 - LB11852RV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-E ONSEMI-LB11852FV-MPB-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-H ONSEMI-LB11852FV-MPB-H Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-TLM-E ONSEMI-LB11852FV-TLM-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
More results

유사한 설명 - LB11852RV

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11964FA ONSEMI-LB11964FA Datasheet
222Kb / 5P
   Single-phase Full-wave Pre-driver
May, 2013
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Rohm
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
ON Semiconductor
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com