전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11970RV 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB11970RV
상세설명  Single-phase Full-wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11970RV 데이터시트(HTML) 2 Page - ON Semiconductor

  LB11970RV Datasheet HTML 1Page - ON Semiconductor LB11970RV Datasheet HTML 2Page - ON Semiconductor LB11970RV Datasheet HTML 3Page - ON Semiconductor LB11970RV Datasheet HTML 4Page - ON Semiconductor LB11970RV Datasheet HTML 5Page - ON Semiconductor LB11970RV Datasheet HTML 6Page - ON Semiconductor LB11970RV Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11970RV
No.A2095-2/7
Recommended Operating Ranges
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
4.5 to 16
V
VM supply voltage
VM
3.5 to 16
V
VTH, RMI input level voltage range
VTH, RMI
0 to 6
V
P-IN input level voltage range
VP-IN
0 to VCC
V
Triangular wave input range
VRM
0.5 to 4
V
Hall input common phase input voltage range
VICM
0.2 to 3
V
Electrical Characteristics
at Ta = 25
°C, VCC = 12V, Rf = 0Ω, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
ICC1
During drive
12
15
18
mA
Circuit current
ICC2
During lock protection
11
14
17
mA
HB voltage
VHB
IHB=5mA
1.12
1.22
1.32
V
6VREG voltage
V6VREG
I6VREG=5mA
5.85
5.95
6.10
V
CT pin H level voltage
VCTH
3.4
3.6
3.8
V
CT pin L level voltage
VCTL
1.4
1.6
1.8
V
CT pin charge current
ICT1
1.8
2.2
2.6
μA
CT pin discharge current
ICT2
0.18
0.22
0.26
μA
CT charge/discharge current ratio
RCT
8
10
12
OUT output L saturation voltage
VOL
IO=200mA
0.1
0.2
V
OUT output H saturation voltage
VOH
IO=200mA, Rf=1Ω
0.6
0.8
V
Current limiter
VRF
480
mV
RD output pin L voltage
VRD
IRD=5mA
0.2
0.3
V
RD output pin leak current
IRDL
VRD=18V
30
μA
Overheat protection circuit
THD
* Design guarantee value
180
°C
*: Design target value and no measurement were made.


유사한 부품 번호 - LB11970RV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
More results

유사한 설명 - LB11970RV

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862 ONSEMI-LB1862 Datasheet
84Kb / 6P
   Single-Phase Full-Wave Driver
May, 2013
LV8068V ONSEMI-LV8068V Datasheet
102Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LV8064TT SANYO-LV8064TT Datasheet
90Kb / 8P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862MC-AH ONSEMI-LB1862MC-AH Datasheet
97Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8062FA ONSEMI-LV8062FA Datasheet
198Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8163QA ONSEMI-LV8163QA Datasheet
370Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8860V ONSEMI-LV8860V Datasheet
205Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com