전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SUR502EF 데이터시트(HTML) 2 Page - AUK corp

부품명 SUR502EF
상세내용  Epitaxial Planar Type PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo 

SUR502EF 데이터시트(HTML) 2 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
KST-J002-001
2
SUR502EF
Absolute maximum ratings (Tr1, Tr2)
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Out Voltage
VO
-50
V
Input Voltage
VI
-40
V
Out Current
IO
-100
mA
Power Dissipation
PD
100
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Electrical Characteristics(Tr1, Tr2 : PNP)
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Output Cut-off Current
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
GI
VO=-5V, IO=-10mA
80
200
-
-
Output Voltage
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-2.8
-5.0
V
Input Voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-1.0
-1.2
-
V
Transition Frequency
fT
*
VO=-10V, IO=-5mA
-
200
-
MHz
Input Current
II
VI=-5V
-
-
-0.18
mA
* : Characteristic of Transistor Only


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn