전자부품 데이터시트 검색엔진 |
|
MMSF7N03ZR2 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MMSF7N03ZR2 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 11 page MMSF7N03Z http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Drain−to−Source Breakdown Voltage (Cpk ≥ 2.0) (Notes 4 & 6) (VGS = 0 Vdc, ID = 250 μAdc) Temperature Coefficient (Positive) V(BR)DSS 30 − − 35 − − Vdc mV/°C Zero Gate Voltage Drain Current (VDS = 30 Vdc, VGS = 0 Vdc) (VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C) IDSS − − 0.03 0.15 2.0 10 μAdc Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0) IGSS − 1.3 5.0 μAdc ON CHARACTERISTICS (Note 4) Gate Threshold Voltage (Cpk ≥ 2.0) (Notes 4 & 6) (VDS = VGS, ID = 250 μAdc) Threshold Temperature Coefficient (Negative) VGS(th) 1.0 − 2.0 5.5 3.0 − Vdc mV/°C Static Drain−to−Source On−Resistance (Cpk ≥ 2.0) (Notes 4 & 6) (VGS = 10 Vdc, ID = 7.5 Adc) (VGS = 4.5 Vdc, ID = 3.8 Adc) RDS(on) − − 22 30 30 40 mΩ Forward Transconductance (VDS = 3.0 Vdc, ID = 3.8 Adc) (Note 4) gFS 4.0 9.5 − Mhos DYNAMIC CHARACTERISTICS Input Capacitance (VDS = 24 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss − 750 1500 pF Output Capacitance Coss − 340 680 Transfer Capacitance Crss − 45 90 SWITCHING CHARACTERISTICS (Note 5) Turn−On Delay Time (VDS = 15 Vdc, ID = 5.0 Adc, VGS = 10 Vdc, RG = 6 Ω) (Note 4) td(on) − 40 80 ns Rise Time tr − 90 180 Turn−Off Delay Time td(off) − 470 940 Fall Time tf − 170 340 Turn−On Delay Time (VDD = 15 Vdc, ID = 5.0 Adc, VGS = 4.5 Vdc, RG = 6 Ω) (Note 4) td(on) − 120 240 ns Rise Time tr − 350 700 Turn−Off Delay Time td(off) − 430 860 Fall Time tf − 140 280 Gate Charge (VDS = 24 Vdc, ID = 5.0 Adc, VGS = 10 Vdc) (Note 4) QT − 34 48 nC Q1 − 3.5 − Q2 − 9.5 − Q3 − 6.5 − SOURCE−DRAIN DIODE CHARACTERISTICS Forward On−Voltage (Note 4) (IS = 7.5 Adc, VGS = 0 Vdc) (Note 4) (IS = 7.5 Adc, VGS = 0 Vdc, TJ = 125°C) VSD − − 0.83 0.67 1.6 − Vdc Reverse Recovery Time (IS = 7.5 Adc, VGS = 0 Vdc, dIS/dt = 100 A/μs) (Note 4) trr − 110 − ns ta − 22 − tb − 90 − Reverse Recovery Storage Charge QRR − 0.17 − μC 4. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%. 5. Switching characteristics are independent of operating junction temperatures. 6. Reflects typical values. Cpk = Max limit − Typ 3 x SIGMA |
유사한 부품 번호 - MMSF7N03ZR2 |
|
유사한 설명 - MMSF7N03ZR2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |