전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1928 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LB1928
상세설명  3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1928 데이터시트(HTML) 1 Page - ON Semiconductor

  LB1928 Datasheet HTML 1Page - ON Semiconductor LB1928 Datasheet HTML 2Page - ON Semiconductor LB1928 Datasheet HTML 3Page - ON Semiconductor LB1928 Datasheet HTML 4Page - ON Semiconductor LB1928 Datasheet HTML 5Page - ON Semiconductor LB1928 Datasheet HTML 6Page - ON Semiconductor LB1928 Datasheet HTML 7Page - ON Semiconductor LB1928 Datasheet HTML 8Page - ON Semiconductor LB1928 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
D0308 MS JM/O0702AS(OT)/D1099TH(KI)/73099RM(KI) No.6198-1/11
http://onsemi.com
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013
LB1928
Overview
The LB1928 is a 3-phase brushless motor driver well suited for drum and paper feed motors in laser printers, plain-paper
copiers and other office automation equipment. Direct PWM drive allows control with low power losses. Peripheral
circuitry including speed control circuit and FG amplifier is integrated, thus allows drive circuit to be constructed with a
single chip.
Features
• 3-phase bipolar drive (30V, 3.1A)
• Direct PWM drive technique
• Built-in diode for absorbing output lower-side kickback
• Speed discriminator and PLL speed control
• Speed lock detection output
• Built-in forward/reverse switching circuit
• Built-in protection circuitry includes current limiter, overheat protection, motor restraint protection, etc.
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
30
V
Maximum output current
IO max
T
≤ 500ms
3.1
A
Allowable power dissipation 1
Pd max 1
Independent IC
3
W
Allowable power dissipation 2
Pd max 2
With an arbitrary large heat sink
20
W
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Digital IC
For Office Automation Equipment
3-phase Brushless Motor Driver
Ordering number : EN6198C


유사한 부품 번호 - LB1928

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1928 SANYO-LB1928 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1928

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com