전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1929 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LB1929
상세설명  3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1929 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LB1929 Datasheet HTML 3Page - ON Semiconductor LB1929 Datasheet HTML 4Page - ON Semiconductor LB1929 Datasheet HTML 5Page - ON Semiconductor LB1929 Datasheet HTML 6Page - ON Semiconductor LB1929 Datasheet HTML 7Page - ON Semiconductor LB1929 Datasheet HTML 8Page - ON Semiconductor LB1929 Datasheet HTML 9Page - ON Semiconductor LB1929 Datasheet HTML 10Page - ON Semiconductor LB1929 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LB1929
No.7099-9/11
Description of the LB1927
1. Speed control circuit
The IC performs speed control through combined use of a speed discrimination circuit and PLL circuit. The speed
control circuit counts FG cycles and outputs a deviation signal every 2FG cycles. The PLL circuit outputs a phase
deviation signal every FG cycle.
The FG servo frequency is determined by the following equation. The motor rotation speed is set by the number of
FG pulses and the crystal oscillator frequency.
fFG (servo) = fOSC/8192
fOSC : Crystal oscillator frequency
2. Output drive circuit
In order to reduce power loss at the output, the LB1929 uses the PWM drive technique. While ON, the output
transistors are always saturated, and motor drive power is adjusted by varying the output ON duty ratio. Because
output PWM switching is performed by the lower-side output transistor, a Schottky diode must be connected
between OUT and VCC. (If the reverse recovery time of the diode is too long, a feedthrough current will flow at the
instant when the lower-side transistor goes ON.) An internal diode is provided between OUT and GND. If large
output current causes a problem (waveform distortion during lower-side kickback, etc.), an external rectifying diode
or Schottky diode should be connected.
The output diode is integrated only on the lower side.
3. Current limiting circuit
The current limiting circuit limits the peak current to the value I = VRF/Rf (VRF = 0.5V typ., Rf : current detector
resistance). Current limiting is achieved by reducing the ON duty ratio of the output, which reduces the current.
4. Power save circuit
In order to reduce current drain in the STOP condition, the IC goes into power save mode. In this condition, bias
current to most circuits is cut off, but the 5V regulator output remains active.
5. Reference clock
The reference clock for speed control can be input using one of the following two methods.
(1) Using a crystal oscillator
When a crystal is used for oscillation, connect the crystal, capacitors, and a resistor as shown in the figure below.
R1
C1
VREG
XI
XO
C2
C3
C4
(Reference values)
Oscillator frequency (MHz)
C1 (
μF)
C2 (pF)
C3 (pF)
C4 (pF)
R1 (
Ω)
3 to 5
0.1
15
47
10
330k
5 to 8
0.1
10
47
None
330k
8 to 10
0.1
10
22
None
330k
The circuit configuration and values are for reference only. The crystal oscillator’s characteristics as well as the
possibility of floating capacitance and noise due to layout factors must be taken into consideration when
designing an actual application.
C1, R1 : For stable oscillation
C3 : For oscillator coupling
C2 : For stabilization and to prevent oscillation at upper harmonic frequencies
C4 : Prevents oscillation at upper harmonic frequencies


유사한 부품 번호 - LB1929

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB1929 SANYO-LB1929 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1929

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com