전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1929 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LB1929
상세설명  3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1929 데이터시트(HTML) 3 Page - ON Semiconductor

  LB1929 Datasheet HTML 1Page - ON Semiconductor LB1929 Datasheet HTML 2Page - ON Semiconductor LB1929 Datasheet HTML 3Page - ON Semiconductor LB1929 Datasheet HTML 4Page - ON Semiconductor LB1929 Datasheet HTML 5Page - ON Semiconductor LB1929 Datasheet HTML 6Page - ON Semiconductor LB1929 Datasheet HTML 7Page - ON Semiconductor LB1929 Datasheet HTML 8Page - ON Semiconductor LB1929 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LB1929
No.7099-3/11
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Speed discriminator
Output High level voltage
VOH (D)
IDO = -0.1mA
VREG-1.0
VREG-0.7
V
Output Low level voltage
VOL (D)
IDO = 0.1mA
0.8
1.1
V
Count number
512
PLL output
Output High level voltage
VOH (P)
IPO = -0.1mA
VREG-1.8
VREG-1.5
VREG-1.2
V
Output Low level voltage
VOL (P)
IPO = 0.1mA
1.2
1.5
1.8
V
Lock detection
Output Low level voltage
VOL (LD)
ILD = 10mA
0.15
0.5
V
Lock range
6.25
%
Integrator
Input bias current
IB (INT)
-0.4
0.4
μA
Output High level voltage
VOH (INT)
IINTO = -0.2mA
VREG-1.2
VREG-0.8
V
Output Low level voltage
VOL (INT)
IINTO = 0.2mA
0.8
1.2
V
Open-loop gain
f (INT) = 1kHZ
45
51
dB
Gain bandwidth product
Design target value*
450
kHz
Reference voltage
Design target value*
-5%
VREG/2
5%
V
Crystal oscillator
Operating frequency range
fOSC
3
10
MHz
Low level pin voltage
VOSCL
IOSC = -0.5mA
1.65
V
High level pin current
IOSCH
VOSC = VOSCL+0.3V
0.4
mA
Start/stop pin
High level input voltage range
VIH (S/S)
3.5
VREG
V
Low level input voltage range
VIL (S/S)
0
1.5
V
Input open voltage
VIO (S/S)
VREG-0.5
VREG
V
Hysteresis width
ΔVIN
0.35
0.50
0.65
V
High level input current
IIH (S/S)
V (S/S) = VREG
-10
0
10
μA
Low level input current
IIL (S/S)
V (S/S) = 0V
-280
-210
μA
Forward/reverse pin
High level input voltage range
VIH (F/R)
3.5
VREG
V
Low level input voltage range
VIL (F/R)
0
1.5
V
Input open voltage
VIO (F/R)
VREG-0.5
VREG
V
Hysteresis width
ΔVIN
0.35
0.50
0.65
V
High level input current
IIH (F/R)
V (F/R) = VREG
-10
0
+10
μA
Low level input current
IIL (F/R)
V (F/R) = 0V
-280
-210
μA
Note*: These items are design target values and are not tested.


유사한 부품 번호 - LB1929

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB1929 SANYO-LB1929 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1929

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com