전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11826 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 LB11826
상세설명  Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11826 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button LB11826 Datasheet HTML 2Page - ON Semiconductor LB11826 Datasheet HTML 3Page - ON Semiconductor LB11826 Datasheet HTML 4Page - ON Semiconductor LB11826 Datasheet HTML 5Page - ON Semiconductor LB11826 Datasheet HTML 6Page - ON Semiconductor LB11826 Datasheet HTML 7Page - ON Semiconductor LB11826 Datasheet HTML 8Page - ON Semiconductor LB11826 Datasheet HTML 9Page - ON Semiconductor LB11826 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LB11826
No.7109-6/11
Pin Functions
Pin No.
Pin name
Pin function
Equivalent circuit
28
1
2
OUT1
OUT2
OUT2
Motor drive output pin.
Connect the Schottky diode between the output -
VCC.
3
GND2
Output GND pin.
5
VM
Power and output current detection pins of the
output. Connect a low resistance (Rf) between this
pin and VCC.
The output current is limited to the current value set
with IOUT = VRF/Rf.
300
Ω
VM
5
1
2 28
3
VCC
4
VCC
Power pin (Other than the output).
6
VREG
Stabilized power supply output pin (5V output).
Connect a capacitor (about 0.1
μF) between this pin
and GND for stabilization.
VCC
6
7
PWM
Pin to set the PWM oscillation frequency.
Connect a capacitor between this pin and GND.
This can be set to about 18kHz with C = 3900pF.
7
VREG
200
Ω
2k
Ω
8
CSD
Pin to set the operation time of motor lock protection
circuit.
Connection of a capacitor (about 10
μF) between
CSD and GND can set the protection operation time
of about 3.3seconds.
8
VREG
300
Ω
1k
Ω
Continued on next page.


유사한 부품 번호 - LB11826

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11826 SANYO-LB11826 Datasheet
478Kb / 11P
   LB11826
LB11826 SANYO-LB11826 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
More results

유사한 설명 - LB11826

제조업체부품명데이터시트상세설명
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com