전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-400 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 STK672-400
상세설명  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-400 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button STK672-400 Datasheet HTML 5Page - ON Semiconductor STK672-400 Datasheet HTML 6Page - ON Semiconductor STK672-400 Datasheet HTML 7Page - ON Semiconductor STK672-400 Datasheet HTML 8Page - ON Semiconductor STK672-400 Datasheet HTML 9Page - ON Semiconductor STK672-400 Datasheet HTML 10Page - ON Semiconductor STK672-400 Datasheet HTML 11Page - ON Semiconductor STK672-400 Datasheet HTML 12Page - ON Semiconductor STK672-400 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK672-400
No.A0751-9/19
Usage Notes
1. Input pins and functional overview
[Input pins]
Hybrid IC pin No.
Symbol
Function
Pin type
19
Vref
Current setting
Input impedance: 200k
Ω (typical)
10, 11, 13
MODE1, MODE2, MODE3
Excitation mode setting
TTL level Schmitt input
12
CLK
Phase switching clock
(speed command)
Same as the above
13
CWB
Motor direction setting
Same as the above
14
RESET
System reset
Same as the above
15
ENABLE
Motor current off
Same as the above
2. Input signal functions
[CLK (Phase switching clock)]
(1) Input frequency: DC to 50kHz
(2) Minimum pulse width: 10
μs
(3) Pulse width duty: 40 to 60%
(4) Pin circuit type: TTL level Schmitt trigger input
(5) A multi-stage noise exclusion circuit is included.
(6) Function
• M3:1
When M3 is 1:The excitation phase is advanced one step on each CLK signal rising edge.
• M3:0
When M3 is 0:The excitation phase is advanced one step alternately on each CLK signal rising or falling edge.
• Timing chart
[CWB (Motor direction setting)]
(1) Pin circuit type: TTL level Schmitt trigger input
(2) Function
• When CWB = 0: The motor turns in the clockwise direction
• When CWB = 1: The motor turns in the counterclockwise direction
(3) Note: The value of the CWB input must not be changed in the period from 7
μs before a CLK input rising or falling
edge until 7
μs after that edge.
[ENABLE (Forces the excitation drive outputs A, AB, B, and BB to the off state and selects the hybrid IC's internal
state to be operating or hold)]
(1) Pin circuit type: TTL level Schmitt trigger input
(2) Function
a) When ENABLE is 1: Normal operating state
b) When ENABLE is 0: The motor current is turned off and the excitation drive output is turned off forcibly. At
this time, the hybrid IC's system clock is stopped and the hybrid IC is not influenced by
changes to any input pins other than the reset input.
Excitation counter up/down
CLK input
System clock
Phase excitation
counter clock
Control output timing
Control output switching timing


유사한 부품 번호 - STK672-400

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-400 SANYO-STK672-400 Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-400C-E SANYO-STK672-400C-E Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-400C-E ONSEMI-STK672-400C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

유사한 설명 - STK672-400

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com