전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA73076V 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LA73076V
상세설명  Video Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA73076V 데이터시트(HTML) 2 Page - ON Semiconductor

  LA73076V Datasheet HTML 1Page - ON Semiconductor LA73076V Datasheet HTML 2Page - ON Semiconductor LA73076V Datasheet HTML 3Page - ON Semiconductor LA73076V Datasheet HTML 4Page - ON Semiconductor LA73076V Datasheet HTML 5Page - ON Semiconductor LA73076V Datasheet HTML 6Page - ON Semiconductor LA73076V Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA73076V
No.A0911-2/7
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended Operating supply voltage
VCCSTD
3.1
V
Operating supply voltage range
VCCRANGE
2.7 to 3.6
V
Electrical Characteristics at Ta = 25
°C, VCC = 3.1V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation part
Current dissipation 1 (Non-signal active mode)
ICC
2pin = Low, Input = White50%
25
37
44
mA
Current dissipation 2 (Non-signal active mode)
ICC2
2pin = Low, Input = No signal
10.0
14
17.5
mA
Current dissipation 3 (Standby mode)
ICC-STBY
2pin = High
0
5.0
μA
Control terminal part
Stand-by control pin H voltage
(SET = STANDBY MODE)
VTH-STBY-H
2 pin voltage range at which
ICC ≤ 5μA
VCC-0.5
VCC
V
Stand-by control pin L voltage
(SET = ACTIVE MODE)
VTH-STBY-L
2 pin voltage range at which
ICC ≥ 5μA
GND
0.5
V
Output control pin H voltage range
(SET=MIX_OUT)
VOUT_M
Voltage in which only output of
MIX is selected
2.2
VCC
V
Output control pin M voltage range
(SET=Y,C_OUT)
VOUT_YC
Voltage in which output of Y and C
is selected
1.5
1.7
V
Output control pin L voltage range
(SET=ALL_OUT)
VOUT_ALL
Voltage in which all outputs are
selected
GND
0.5
V
SW, MUTE control pin voltage range
(SET=MUTE MODE)
VSW_MUTE
As for this voltage, SW selects
MUTE
VCC-0.5
VCC
V
SW, through control pin voltage range
(SET=through MODE)
VSW_THR
As for this voltage, SW selects
through
GND
0.5
V
Y-in
Voltage gain
VGainY
100% white VYIN = 1Vp-p
5.7
6.2
6.7
dB
Vf7.2Y
f = 100kHz/7.2MHz
-1.0
0
+1.0
dB
Freq. characteristics
Vf20Y
f = 100kHz/20MHz
-30
dB
Allowable sync input level
VIN-Sync
VYIN = Black burst, Output R conditions
Mix_out: 150
Ω, Y_out: 150Ω
200
mVp-p
C-in
Voltage gain
Vgainc
VCIN = 350mVp-p
5.7
6.2
6.7
dB
Freq. characteristics
Vf20C
f = 4MHz/20MHz
-25
dB
Package Dimensions
unit : mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15


유사한 부품 번호 - LA73076V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
More results

유사한 설명 - LA73076V

제조업체부품명데이터시트상세설명
logo
SG Micro Corp
SGM9140 SGMICRO-SGM9140 Datasheet
305Kb / 10P
   Video Driver
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
logo
New Japan Radio
NJM2577 NJRC-NJM2577 Datasheet
91Kb / 7P
   QUAD VIDEO DRIVER
logo
SG Micro Corp
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
   6dB Video Driver
logo
List of Unclassifed Man...
SPT9404 ETC1-SPT9404 Datasheet
48Kb / 4P
   SINGLE VIDEO DRIVER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER
logo
NXP Semiconductors
CR2424S PHILIPS-CR2424S Datasheet
51Kb / 9P
   Video driver hybrid amplifier
1995 Oct 23
logo
ON Semiconductor
NCS2564 ONSEMI-NCS2564_11 Datasheet
222Kb / 15P
   Four-Channel Video Driver
April, 2011 ??Rev. 6
logo
Arizona Microtek, Inc
AZG489 AZM-AZG489 Datasheet
92Kb / 5P
   PECL Video Cable Driver
logo
National Semiconductor ...
LH2422 NSC-LH2422 Datasheet
197Kb / 7P
   CRT VIDEO DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com