전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC709203FQH-03TWG 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 LC709203FQH-03TWG
상세설명  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FQH-03TWG 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button LC709203FQH-03TWG Datasheet HTML 7Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 8Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 9Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 10Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 11Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 12Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 13Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 14Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC709203F
www.onsemi.com
11
Before RSOC (0x04)
This LSI obtains Open Circuit Voltage (OCV) reading 10 ms
after Power-on reset to initialize RSOC (See figure 7).
Or the LSI can be forced to initialize RSOC by sending the
Before RSOC Command (0
04 = AA55) or the Initial RSOC
Command (0
07 = AA55). The accuracy of the Initialization
requires the OCV reading to be taken with minimal load or
charge, under 0.025C, on the battery. (i.e. less than 75mA for
3000mAh design capacity battery.).
The LSI initializes RSOC by the maximum voltage between
initialize after Power-on reset and setting the command when the
Before RSOC command is written. (See figure 8).
Thermistor B (0x06)
Sets B-constant of the thermistor to be measured. Refer to the
specification sheet of the thermistor for the set value to use.
Initial RSOC (0x07)
The LSI can be forced to initialize RSOC by sending the Before
RSOC Command (0
04 = AA55) or the Initial RSOC Command
(0
07 = AA55).
Figure 7. RSOC automatic initialization
Figure 8. Before RSOC command
The LSI initializes RSOC by the measured voltage at that
time when the Initial RSOC command is written. (See
figure 9). The maximum time to initialize RSOC after the
command is written is 1.5 ms.
Cell Temperature (0x08)
This register contains the cell temperature from
20C (009E4)
to +60
C (00D04) measured in 0.1C units.
In the Thermistor mode (0
16 = 01) the LSI measures the
attached thermistor and loads the temperature into the Cell
Temperature register. In the Thermistor mode, the thermistor
shall be connected to the LSI as shown in figure 2. The
temperature is measured by having TSW pin to provide power
into the thermistor and TSENSE pin to sense the output voltage
from the thermistor. Temperature measurement timing is
controlled by the LSI, and the power to the thermistor is not
supplied for other reasons except to measure the temperature.
In the I2C mode (0
16 = 00) the temperature is provided by the
host processor. During discharge/charge the register should be
updates when the temperature changes more than 1
C
Cell Voltage (0x09)
This register contains the voltage on VDD 1mV units.
Current Direction (0x0A)
This register is used to control the reporting of RSOC. In Auto
mode the RSOC is reported as it increases or decreases. In
Charge mode the RSOC is not permitted to decrease. In
Discharge mode the RSOC is not permitted to increase.
With consideration of capacity influence by temperature, we
recommend operating in Auto because RSOC is affected by the
cell temperature. A warm cell has more capacity than a cold cell.
Be sure not to charge in the Discharge mode and discharge in the
Charge mode; it will create an error.
An example of RSOC reporting is shown in Figures 10 and 11.
Figure 9. Initial RSOC command


유사한 부품 번호 - LC709203FQH-03TWG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC709203FQH-03TWG ONSEMI-LC709203FQH-03TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

유사한 설명 - LC709203FQH-03TWG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com