전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I2041AF-08TR 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 I2041AF-08TR
상세설명  Versatile EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2041AF-08TR 데이터시트(HTML) 3 Page - ON Semiconductor

  I2041AF-08TR Datasheet HTML 1Page - ON Semiconductor I2041AF-08TR Datasheet HTML 2Page - ON Semiconductor I2041AF-08TR Datasheet HTML 3Page - ON Semiconductor I2041AF-08TR Datasheet HTML 4Page - ON Semiconductor I2041AF-08TR Datasheet HTML 5Page - ON Semiconductor I2041AF-08TR Datasheet HTML 6Page - ON Semiconductor I2041AF-08TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P2041A
http://onsemi.com
3
Table 3. SPREAD RANGE SELECTION
SR1
SR0
Spreading Range
Modulation rate
0
0
±1.50%
(Fin/40)*34.72 KHz
0
1
±2.50%
(Fin/40)*34.72 KHz
1
0
±0.50%
(Fin/40)*34.72 KHz
1
1
±1.00%
(Fin/40)*34.72 KHz
Spread Spectrum Selection
Table 3 illustrates the possible spread spectrum options.
The optimal setting should minimize system EMI to the
fullest without affecting system performance. The spreading
is described as a percentage deviation of the center
frequency (Note: The center frequency is the frequency of
the external reference input on XIN / CLK, Pin 1).
Example of a typical printer or scanner application
that operates on a clock frequency of 40 MHz:
A spreading selection of SR1=1 and SR0=1 provides a
percentage deviation of
±1.00%* (see Table 3) of Center
Frequency. This results in the frequency on ModOUT being
swept from 40.40 MHz to 39.60 MHz at a modulation rate
of (40/40)*34.72 = 34.72 KHz (see Table 3). This particular
example (see Figure below) given here is a common EMI
reduction method for scanners and has already been
implemented by most of the leading manufacturers.
NOTE: Spreading range selection varies from different system
manufacturers and their designs. The spreading range of
P2041A can be set to ±2.5% when working with certain
scanner model.
Figure 2. P2041A Application Schematic for Flat−Bed Scanner
1
2
3
4
8
7
6
5
Modulated 40 MHz signal with ±1.00%
Deviation and modulation rate of
34.72 KHz. This signal is connected back
to the clock crystal Input pin of the system
ASIC.
Note: The above schematic indicates The
exact setting of this example: Default set-
ting (no connection on pin 3, 7 and 5).
40 MHz
VDD
P2041A
0.1 mF
VSS
SR1
XOUT
XIN / CLK VDD
SR0
ModOUT
SSON


유사한 부품 번호 - I2041AF-08TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
I2041AF-08TR PULSECORE-I2041AF-08TR Datasheet
183Kb / 8P
   Versatile EMI Reduction IC
More results

유사한 설명 - I2041AF-08TR

제조업체부품명데이터시트상세설명
logo
Alliance Semiconductor ...
P2041A ALSC-P2041A Datasheet
285Kb / 9P
   Versatile EMI Reduction IC
logo
PulseCore Semiconductor
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
   Versatile EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
   EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
   EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
   EMI Reduction IC
August, 2011 ??Rev. 3
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com