전자부품 데이터시트 검색엔진 |
|
MC74VHCT50A 데이터시트(PDF) 4 Page - ON Semiconductor |
|
MC74VHCT50A 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC74VHCT50A http://onsemi.com 4 3.0V GND 50% 50% VCC A Y tPHL tPLH *Includes all probe and jig capacitance CL* TEST POINT DEVICE UNDER TEST OUTPUT Figure 1. Switching Waveforms Figure 2. Test Circuit VOH VOL MARKING DIAGRAMS (Top View) 14–LEAD SOIC D SUFFIX CASE 751A 14–LEAD TSSOP DT SUFFIX CASE 948G 13 14 12 11 10 9 8 2 1 3 4567 13 14 12 11 10 9 8 2 1 345 67 14–LEAD SOIC EIAJ M SUFFIX CASE 965 13 14 12 11 10 9 8 2 1 3 4567 VHCT50A VHCT AWLYWW* 50A ALYW* *See Applications Note #AND8004/D for date code and traceability information. VHCT50A ALYW* |
유사한 부품 번호 - MC74VHCT50A |
|
유사한 설명 - MC74VHCT50A |