전자부품 데이터시트 검색엔진 |
|
TL062ACP 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
TL062ACP 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 52 page TL061, TL061A, TL061B TL062, TL062A, TL062B, TL064, TL064A, TL064B SLOS078L – NOVEMBER 1978 – REVISED MAY 2015 www.ti.com Pin Functions (continued) PIN TL061 TL062 TL064 TYPE DESCRIPTION NAME D, JG, P, D, J, N, NS, D, P, PS FK FK PS, PW PW, W IN+ 3 — — — — I Positive input 1 1 3 4 5 6 8 7 9 NC 8 — — — Do not connect 11 11 13 14 15 16 18 17 19 OFFSET N1 1 — — — — — Input offset adjustment OFFSET N2 5 — — — — — Input offset adjustment OUT 6 — — — — O Output VCC– 4 4 10 11 16 — Power supply VCC+ 7 8 20 4 6 — Power supply 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC+ 18 Supply voltage(2) V VCC– –18 VID Differential input voltage(3) ±30 V VI Input voltage(2)(4) ±15 V Duration of output short circuit(5) Unlimited TJ Operating virtual junction temperature 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1.6 mm (1/16 inch) from J, JG, U, or W package 300 °C case for 60 seconds Lead temperature 1.6 mm (1/16 inch) from D, N, NS, P, PS, or PW package 260 °C case for 10 seconds Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−. (3) Differential voltages are at IN+, with respect to IN −. (4) The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. (5) The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 4 Submit Documentation Feedback Copyright © 1978–2015, Texas Instruments Incorporated Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B |
유사한 부품 번호 - TL062ACP |
|
유사한 설명 - TL062ACP |