전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL064CP 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TL064CP
상세설명  Low-Power JFET-Input Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CP 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TL064CP Datasheet HTML 3Page - Texas Instruments TL064CP Datasheet HTML 4Page - Texas Instruments TL064CP Datasheet HTML 5Page - Texas Instruments TL064CP Datasheet HTML 6Page - Texas Instruments TL064CP Datasheet HTML 7Page - Texas Instruments TL064CP Datasheet HTML 8Page - Texas Instruments TL064CP Datasheet HTML 9Page - Texas Instruments TL064CP Datasheet HTML 10Page - Texas Instruments TL064CP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
6.8 Electrical Characteristics for TL06xxC and TL06xI
VCC± = ±15 V (unless otherwise noted)
TL061BC, TL062BC,
TL061I, TL062I, TL064I
TL064BC
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TA = 25°C
2
3
3
6
VIO
Input offset voltage
VO = 0, RS = 50 Ω
mV
TA = Full range
5
9
Temperature coefficient
αVIO
VO = 0, RS = 50 Ω, TA = Full range
10
10
μV/°C
of input offset voltage
TA = 25°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
TA = Full range
3
10
nA
TA = 25°C
30
200
30
200
pA
IIB
Input bias current(2)
VO = 0
TA = Full range
7
20
nA
–12
–12
Common-mode input
VICR
TA = 25°C
±11
to
±11
to
V
voltage range
15
15
RL = 10 kΩ, TA = 25°C
±10
±13.5
±10
±13.5
Maximum peak output
VOM
V
voltage swing
RL ≥ 10 kΩ, TA = Full range
±10
±10
TA = 25°C
4
6
4
6
Large-signal differential
VO = ±10 V,
AVD
V/mV
voltage amplification
RL ≥ 2 kΩ
TA = Full range
4
4
B1
Unity-gain bandwidth
RL = 10 kΩ, TA = 25°C
1
1
MHz
ri
Input resistance
TA = 25°C
1012
1012
Common-mode
VIC = VICRmin,
CMRR
80
86
80
86
dB
rejection ratio
VO = 0, RS = 50 Ω, TA = 25°C
Supply-voltage
VCC = ±9 V to ±15 V,
kSVR
rejection ratio
80
95
80
95
dB
VO = 0, RS = 50 Ω, TA = 25°C
(
ΔVCC±/ΔVIO)
Total power dissipation
PD
VO = 0, No load, TA = 25°C
6
7.5
6
7.5
mW
(each amplifier)
Supply current
ICC
VO = 0, No load, TA = 25°C
200
250
200
250
µA
(each amplifier)
VO1/VO2
Crosstalk attenuation
AVD = 100, TA = 25°C
120
120
dB
(1)
All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. Full
range for TA is 0°C to 70°C for TL06xC, TL06xAC, and TL06xBC and –40°C to 85°C for TL06xI.
(2)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 12. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
6.9 Electrical Characteristics for TL06xM and TL064M
VCC± = ±15 V (unless otherwise noted)
TL061M, TL062M
TL064M
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TA = 25°C
3
6
3
9
VIO
Input offset voltage
VO = 0, RS = 50 Ω
mV
TA = –55°C to
9
15
125°C
Temperature coefficient
VO = 0, RS = 50 Ω,
αVIO
10
10
μV/°C
of input offset voltage
TA = –55°C to 125°C
TA = 25°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
TA = –55°C
20(2)
20(2)
nA
TA = 125°C
20
20
TA = 25°C
30
200
30
200
pA
IIB
Input bias current(3)
VO = 0
TA = –55°C
50(2)
50(2)
nA
TA = 125°C
50
50
–12
–12
Common-mode input
VICR
TA = 25°C
±11
to
±11
to
V
voltage range
15
15
(1)
All characteristics are measured under open-loop conditions, with zero common-mode voltage, unless otherwise specified.
(2)
This parameter is not production tested.
(3)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 12. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B


유사한 부품 번호 - TL064CP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL064CPW TI-TL064CPW Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
More results

유사한 설명 - TL064CP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com