전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ABT652E-QML 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54ABT652E-QML
상세설명  Octal Transceivers and Registers with TRI-STATE Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT652E-QML 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ABT652E-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 9Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 10Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 11Page - National Semiconductor (TI) 54ABT652E-QML Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Capacitance
Symbol
Parameter
Max
Units
Conditions
(T
A = 25˚C)
C
IN
Input Capacitance
14.0
pF
V
CC = 0V (non I/O pins)
C
I/O (Note 8)
I/O Capacitance
19.5
pF
V
CC = 5.0V (An,Bn)
Note 8: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883D, Method 3012.
www.national.com
8


유사한 부품 번호 - 54ABT652E-QML

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ABT646 NSC-54ABT646 Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646D NSC-54ABT646D Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646E-QML NSC-54ABT646E-QML Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646E-QML NSC-54ABT646E-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646F NSC-54ABT646F Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
More results

유사한 설명 - 54ABT652E-QML

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ABT646 NSC-54ABT646 Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT16646 NSC-54ABT16646 Datasheet
157Kb / 8P
   16-Bit Transceivers and Registers with TRI-STATE Outputs
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com