전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3225 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 CS3225
상세설명  Typical Performance Characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CS3225 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  CS3225 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1 0
MULTI-LAYER CERAMIC CAPACITORS
MARKING (PRINT ON THE ONE SIDE)
Radial & Axial
CODE
D
H
H1
H2
L
L1
P
CODE
P1
P2
T
W1
W2
A
B
CODE
C
E
F
G
S
°ÿ
DIMENSIONS
3.98
16.00
8.99
0.00
11.00
1.52
12.70
TOLERANCE
°æ
0.30
°æ
0.50
°æ
0.76-0.50
°æ
2.00
max
max
°æ
0.30
DIMENSIONS
3.86
6.35
0.89
18.00
0.00
13.79-38.10
28.57-86.00
TOLERANCE
°æ
0.71
°æ
1.29
max
+0.99-0.50
6.00 max
Within range
Within range
DIMENSIONS
9.50
29.97-50.04
34.89-102.00
76.20-358.14
5.00
TOLERANCE
min
within range
within range
within range
°æ
0.78
No adhesive may be exposed
(Unit : mm)
CODE
A
B
C
D
E
CODE
H
J
K
L
M
CODE
CODE
PACKING TYPE
DIMENSION
TOLERANCE
F
52
64.8
26
38.8
+2.0
-0
G
52
52
26
26
°æ
1.25
N
P
R
S
T
DIMENSIONS
356.00
F+3.17~F+6.35
35.70
15.90
63.50
TOLERANCE
max
Within range
DIMENSIONS
=J
=H
0.80
1.20
1.20
TOLERANCE
°æ
1.20
°æ
1.20
max
max
max
DIMENSIONS
5.00
0.80
3.20
1.60
610.00
TOLERANCE
°æ
0.40
max
min
max
min
(Unit : mm)
(Unit : mm)
Capacitance
Code
Tolerance
Code
Voltage Code
1 : 100V 2 : 200V
3 : 25V
5 : 50V
1
0
4
M
5
Z
EIA
Characteristic
Z : Z5U X : X7R
C : C0G V : Y5V


유사한 부품 번호 - CS3225

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CS322 ETC1-CS322 Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322E ETC1-CS322E Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322G ETC1-CS322G Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322H ETC1-CS322H Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322Y ETC1-CS322Y Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
More results

유사한 설명 - CS3225

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CP576 CENTRAL-CP576 Datasheet
38Kb / 2P
   Typical Electrical Characteristics
logo
Panasonic Semiconductor
HHR-380A PANASONIC-HHR-380A Datasheet
118Kb / 1P
   Typical charge characteristics
logo
GOOD-ARK Electronics
GDSSF2301B GOOD-ARK-GDSSF2301B_15 Datasheet
293Kb / 4P
   TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
logo
Energizer
NH12-700 ENERGIZER-NH12-700 Datasheet
158Kb / 1P
   Typical Performance at 21C
logo
Kemet Corporation
T350F336K010AT KEMET-T350F336K010AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T322F226K050AS KEMET-T322F226K050AS Datasheet
197Kb / 19P
   PERFORMANCE CHARACTERISTICS
logo
Linear Integrated Syste...
SD210DET LINEAR-SD210DET Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD211T LINEAR-SD211T Datasheet
220Kb / 4P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com