전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7404D 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TDA7404D
상세설명  CARRADIO-SIGNAL-PROCESSOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 5Page - STMicroelectronics TDA7404D Datasheet HTML 6Page - STMicroelectronics TDA7404D Datasheet HTML 7Page - STMicroelectronics TDA7404D Datasheet HTML 8Page - STMicroelectronics TDA7404D Datasheet HTML 9Page - STMicroelectronics TDA7404D Datasheet HTML 10Page - STMicroelectronics TDA7404D Datasheet HTML 11Page - STMicroelectronics TDA7404D Datasheet HTML 12Page - STMicroelectronics TDA7404D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
TDA7404D
before the Mixing-block to eliminate all offsets generated by the Input-Stages and the In-Gain (Please notice
that externally generated offsets, e.g. generated through the leakage current of the coupling capacitors, are not
canceled).
The auto-zeroing is started every time the DATA-BYTE 0 (Input Selector/Gain) is selected and takes a time of
max. 0.3ms. To avoid audible clicks the Audioprocessor is muted before the loudness stage during this time.
1.2.1 AutoZero-Remain
In some cases, for example if the uP is executing a refresh cycle of the IIC-Bus-programming, it is not useful
to start a new AutoZero-action because no new source is selected and an undesired mute would appear at the
outputs. For such applications the TDA7404D could be switched in the AutoZero-Remain-Mode (I2 bit of the
subaddress-byte). If this bit is set to high, the DATABYTE 0 could be loaded without invoking the AutoZero and
the old adjustment-value remains.
1.3 Mixing Stage
The 4 step Mixing stage offers the possibility to mix the rear selector signal or the phone signal to any other
source. Due to the fact that the mixing-stage is located behind the In-Gain-stage fine adjustments of the main
source level could be done in this way.
Figure 2. Signal-Flow of Mixing-Stage
1.4 Loudness
There are four parameters programmable in the loudness stage:
1.4.1 Attenuation
Figure 3 shows the attenuation as a function of frequency at fC = 400Hz.
Diffin
Loudness
SE1
SE2
SE3
Mono
25
k
Beep
Input Selector
In-Gain
Mixing
Mixing Level
Input / Beep or Mono
0dB
/
-100dB
-3.5dB
/
- 9.6dB
-
6dB
/
-
6dB
- 12dB
/
- 2.5dB


유사한 부품 번호 - TDA7404D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
More results

유사한 설명 - TDA7404D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
512Kb / 59P
   CARRADIO SIGNAL PROCESSOR
March 2000
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
   CARRADIO SIGNAL PROCESSOR
TDA7409 STMICROELECTRONICS-TDA7409 Datasheet
296Kb / 25P
   CARRADIO-SIGNAL-PROCESSOR
TDA7405 STMICROELECTRONICS-TDA7405 Datasheet
815Kb / 56P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
October 2001
TDA7405 STMICROELECTRONICS-TDA7405_04 Datasheet
696Kb / 57P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
   LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
TMS320F28044 TI-TMS320F28044_07 Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com