전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC6484AIM 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LMC6484AIM
상세설명  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6484AIM 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LMC6484AIM Datasheet HTML 3Page - Texas Instruments LMC6484AIM Datasheet HTML 4Page - Texas Instruments LMC6484AIM Datasheet HTML 5Page - Texas Instruments LMC6484AIM Datasheet HTML 6Page - Texas Instruments LMC6484AIM Datasheet HTML 7Page - Texas Instruments LMC6484AIM Datasheet HTML 8Page - Texas Instruments LMC6484AIM Datasheet HTML 9Page - Texas Instruments LMC6484AIM Datasheet HTML 10Page - Texas Instruments LMC6484AIM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
LMC6484
www.ti.com
SNOS675C – AUGUST 2000 – REVISED SEPTEMBER 2015
6.6 DC Electrical Characteristics for LMC6484I
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = VO = V
+/2 and R
L > 1 M.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
0.11
3
VOS
Input offset voltage
mV
At the temperature extremes
3.7
Input offset voltage
TCVOS
1
µV/
˚C
average drift
0.02
IB
Input current(3)
pA
At the temperature extremes
4
0.01
Input offset
IOS
pA
current(3)
At the temperature extremes
2
Common-mode
CIN
3
pF
input capacitance
RIN
Input resistance
>10
Tera
Ω
65
82
0 V
≤ VCM ≤ 15 V
dB
V+ = 15 V
At the temperature extremes
62
Common-mode
CMRR
rejection ratio
65
82
0 V
≤ VCM ≤ 5 V
dB
V+ = 5 V
At the temperature extremes
60
65
82
5 V
≤ V+ ≤ 15 V
Positive power
+PSRR
dB
supply rejection ratio V= 0 V, VO = 2.5 V At the temperature extremes
62
−5 V ≤ V≤ −15 V
65
82
Negative power
−PSRR
dB
V+ = 0 V, VO = −2.5
supply rejection ratio
At the temperature extremes
62
V
V
− 0.3
−0.25
V
At the temperature extremes
0
V+ = 5 V and 15 V
Input common-mode
VCM
voltage range
For CMRR
≥ 50 dB
V+ + 0.25
V+ + 0.3
V
At the temperature extremes
V+
120
666
At the
Sourcing
temperature
72
extremes
RL = 2 kΩ
(4)
35
75
At the
Sinking
temperature
20
extremes
Large signal voltage
AV
V/mV
gain
50
300
At the
Sourcing
temperature
30
extremes
RL = 600 Ω
(3) (4)
15
35
At the
Sinking
temperature
10
extremes
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric normal.
(3)
Specified limits are dictated by tester limitations and not device performance. Actual performance is reflected in the typical value.
(4)
V+ = 15 V, VCM = 7.5 V and RL connected to 7.5 V. For sourcing tests, 7.5 V ≤ VO ≤ 11.5 V. For sinking tests, 3.5 V ≤ VO ≤ 7.5 V.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6484


유사한 부품 번호 - LMC6484AIM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6484AIM NSC-LMC6484AIM Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484AIM TI-LMC6484AIM Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484AIM TI-LMC6484AIM Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results

유사한 설명 - LMC6484AIM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
   Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
logo
Texas Instruments
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
[Old version datasheet]   SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com