전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPTIVA-OTS-ODLS-I-18GHZ 데이터시트(PDF) 3 Page - Emcore Corporation

부품명 OPTIVA-OTS-ODLS-I-18GHZ
상세설명  Internal Fiber Delay Line System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMCORE [Emcore Corporation]
홈페이지  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OPTIVA-OTS-ODLS-I-18GHZ 데이터시트(HTML) 3 Page - Emcore Corporation

  OPTIVA-OTS-ODLS-I-18GHZ Datasheet HTML 1Page - Emcore Corporation OPTIVA-OTS-ODLS-I-18GHZ Datasheet HTML 2Page - Emcore Corporation OPTIVA-OTS-ODLS-I-18GHZ Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MICROWAVE
DATASHEET | APRIL 2014
© 2014 EMCORE Corporation
| REV 2014.04
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Order Information
Delay System
OTS-ODLS-I-18-V/XX-Y-ZZ
„
When ordering replace “
V” with one of the Switching Options
„
When ordering replace “
XX” with one of the Optical Connector Options
„
When ordering replace “
Y” with one of the RF Output Options
„
When ordering replace “
ZZ” with one of the Gain Options
„
Delay Time Options* must be defined by Customer
Switching Options
(0 to 4)
“V”
Optical Connector
Options
“XX”
RF Output
Options
“Y”
Link Gain RF Amplifier
Options“ZZ”
Standard:
0 = no Switching
Optional:
1 = One Delay
2 = Two Delays
3 = Three Delays
4 = Four Delays
Standard:
SA = SC / APC
Optional:
FA = FC / APC
EA = E2000 / APC
1 = Fixed Output
EDFA in Rx
2 = Variable
Output
No EDFA in Rx
00 = No RF Amp
01 = RF Amp
Delay Time Options*
(50 ns to 40 µs)
Standard:
1 Delay = XXXXXX
(XXXXXX) = 1000/100/10/1/.1/.01
Optional:
1st Delay = XXXXXX
(XXXXXX) = 1000/100/10/1/.1/.01
2nd Delay = XXXXXX
(XXXXXX) = 1000/100/10/1/.1/.01
3rd Delay = XXXXXX
(XXXXXX) = 1000/100/10/1/.1/.01
4th Delay = XXXXXX
(XXXXXX) = 1000/100/10/1/.1/.01
Laser Safety
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class 1M laser
product. This device has been classified with the FDA/CDRH under accession number 0220191. All versions of this laser are Class
1M laser product, tested according to IEC 60825-1:2007 / EN 60825-1:2007. An additional warning for Class 1M laser products.
For diverging beams, this warning shall state that viewing the laser output with certain optical instruments (for example: eye
loupes, magnifiers, and microscopes) within a distance of 100 mm may pose an eye hazard. For collimated beams, this warning
shall state that viewing the laser output with certain instruments designed for use at a distance (for example: telescopes and
binoculars) may pose an eye hazard.
Wavelength = 1.3/1.5 µm.
Maximum power = 30 mW.
*Caution - Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation exposure.
*IEC is a registered trademark of the International Electrotechnical Commision.
Optiva OTS-ODLS 18 GHz, 40 µs max
Internal Fiber Delay Line System


유사한 부품 번호 - OPTIVA-OTS-ODLS-I-18GHZ

제조업체부품명데이터시트상세설명
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-22GHZ EMCORE-OPTIVA-OTS-ODLS-I-22GHZ Datasheet
857Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
More results

유사한 설명 - OPTIVA-OTS-ODLS-I-18GHZ

제조업체부품명데이터시트상세설명
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-22GHZ EMCORE-OPTIVA-OTS-ODLS-I-22GHZ Datasheet
857Kb / 3P
   Internal Fiber Delay Line System
5021D-B11 EMCORE-5021D-B11 Datasheet
912Kb / 4P
   5021D-B11 7 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-A11 EMCORE-5021D-A11 Datasheet
907Kb / 4P
   5021D-A11 3 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-C11 EMCORE-5021D-C11 Datasheet
908Kb / 4P
   5021D-C11 13 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-D11 EMCORE-5021D-D11 Datasheet
911Kb / 4P
   5021D-D11 18 GHz, 250 ns Max Internal Fiber Delay Line System
logo
Sanyo Semicon Device
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
logo
Emcore Corporation
5021D-B13 EMCORE-5021D-B13 Datasheet
830Kb / 4P
   5021D-B13 7 GHz, 35 us Max External Fiber Delay Line System
5021D-C13 EMCORE-5021D-C13 Datasheet
832Kb / 4P
   5021D-C13 13 GHz, 35 us Max External Fiber Delay Line System
5021D-D13 EMCORE-5021D-D13 Datasheet
837Kb / 4P
   5021D-D13 18 GHz, 35 us Max External Fiber Delay Line System
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com