전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM453R 데이터시트(PDF) 1 Page - Honeywell Solid State Electronics Center

부품명 SM453R
상세설명  Magnetoresistive Sensor ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SM453R 데이터시트(HTML) 1 Page - Honeywell Solid State Electronics Center

  SM453R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 4Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 5Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SM453R Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sensing and Productivity Solutions
Datasheet
Magnetoresistive Sensor ICs
Standard Power Series: SM351RT, SM451R, SM353RT, SM453R
DESCRIPTION
Honeywell’s Magnetoresistive Sensor ICs (integrated circuits),
Standard Power Series, are ultra-sensitive devices designed
for manufacturers who need a durable and reliable speed or
position sensor for large air gaps or small magnetic fields in
standard power (typically 3 Vdc to 24 Vdc) applications. Unlike
reed switches and other magnetic sensors, Honeywell’s solid
state design offers ultra-high sensitivity of 11 G max., making it
the highest sensitivity sensor in its class for standard powered
applications. The Magnetoresistive Sensor ICs, Standard Power
Series, respond to either a North or South pole applied in a
direction parallel to the sensor. They do not require the magnet
polarity to be identified, simplifying installation and potentially
reducing system cost.
VALUE TO CUSTOMERS
• Durable and reliable due to magnetic solid state, non-contact,
no-glass design which enhance switching capability.
• Cost-effective and flexible due to the sensor IC’s ultra-high
sensitivity—the highest sensitivity sensor in its class for
standard powered applications—which lowers the customer’s
cost of magnets and simplifies design-in.
• Simplifies design-in for wired applications due to its supply
voltage range, omnipolar operation, SOT-23 and flat TO-92-
style package options and wide operating temperature range.
DIFFERENTIATION
• Ultra-high sensitivity (SM351RT and SM451R) allows for
potential use in applications requiring ultra-high magnetic
sensitivity (7 G typical operate, 11 G maximum operate).
32304118
Issue B
SM351RT
SM353RT
SM451R
SM453R
FEATURES
• Magnetic sensitivities:
- Ultra-high sensitivity (SM351RT and SM451R): For
applications requiring ultra-high magnetic sensitivity
(7 G typical operate, 11 G maximum operate)
- Very high sensitivity (SM353RT and SM453R): For
applications requiring very high magnetic sensitivity
(14 G typical operate, 20 G maximum operate)
• Package styles:
- SOT-23 (SM351RT, SM353RT)
- Flat TO-92-style (SM451R, SM453R)
• Supply voltage range 3 Vdc to 24 Vdc
• Omnipolar sensing activates with either pole from a magnet
• Temperature range -40 °C to 85 °C [-40 °F to 185 °F]
• SOT-23 supplied on tape and reel (3000 units per reel)
• RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
Industrial
• High frequency flow sensing in HVAC, water, fuel meters,
and gas utility meters
• Anti-tamper detection in water, electric, and gas utility
meters
• Liquid level detection
• Motor RPM sensing
• In-cylinder position sensing
Medical
• RPM sensing in exercise and rehabilitation equipment
• Magnetic interrupt in exercise and rehabilitation equipment
• Absence/presence detection in infusion pumps
• Position sensing of medication dispensing cabinet drawers
• Incline position sensing in hospital beds
White Goods
• Lid, door and drawer position detection
• Fluid flow detection
• Liquid level detection
PORTFOLIO
Honeywell’s Standard Power Series join:
• Magnetoresistive sensor ICs, including the Nanopower
Series, 2SS52M Series, SS552MT Series
• Hall-effect sensor ICs, including the SS351A, SS451A


유사한 부품 번호 - SM453R

제조업체부품명데이터시트상세설명
logo
ABC Taiwan Electronics ...
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
   MULTILAYER CHIP BEAD
logo
Bourns Electronic Solut...
SM453229-231N7Y BOURNS-SM453229-231N7Y Datasheet
391Kb / 4P
   10/100/1000 Base-T PoE Chip LAN Transformer
SM453229-381N7Y BOURNS-SM453229-381N7Y Datasheet
411Kb / 4P
   10/100/1000 Base-T Chip LAN Transformer
SM453229A-381N7Y BOURNS-SM453229A-381N7Y Datasheet
504Kb / 4P
   SM453229A-381N7Y - 10/100/1000 Base-T Chip LAN Transformer
12/21
SM453230-121-N7Y BOURNS-SM453230-121-N7Y Datasheet
483Kb / 4P
   1 / 2.5 / 5 / 10 GbE Chip LAN Transformer
More results

유사한 설명 - SM453R

제조업체부품명데이터시트상세설명
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP212L100-22 SIEMENS-FP212L100-22 Datasheet
217Kb / 5P
   Differential Magnetoresistive Sensor
FP210L100-22 SIEMENS-FP210L100-22 Datasheet
216Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Siemens Semiconductor G...
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com