전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL-1KL3 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 KBL-1KL3
상세설명  Infrared Emitting Diodes(GaAIAs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KBL-1KL3 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  KBL-1KL3 Datasheet HTML 1Page - KODENSHI_AUK CORP. KBL-1KL3 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1. Description
The KBL-1KL3 is a GaAlAs IRED mounted in durable, hermetically sealea TO-18 metal can type,which
provide years of reliable performance, even under demanding conditions such as use outdoors.
2. Features
◆ Narrow beam angle
◆ Durable
◆ High reliability in demanding environments
3. Applications
◆ Optical encoders
◆ Fiber optic communications
4. Package Outline
5. Absolute Maximum Ratings
Notes : *1. 100KHz , Duty 10%
2. Distance from end of the package = 2.0mm, time = 5sec max.
6. Electro-optical Characteristics
[TA = 25℃]
* 1 : measured by our TO-18 package type tester
KKC-QM-043-2
1/2
IV
Δθ
IF = 20㎃
IF = 20㎃
IF = 50㎃
Peak Emission Wavelength
Half Angle
λp
Δλ
5
1.8
-
Symbol
VF
Conditions
IF = 20㎃
-
-
-
-
Parameter
Spectral Half Bandwidth
Radiant Intensity
20
660
-
VR
Forward Voltage
Reverse Voltage
IR = 10 ㎂
Operating Temperature
Soldering Temperature (see notes *2)
120
Tsol.
PD
Storage Temperature
Tstg.
-55 ~ +125
-40 ~ +100
Topr.
Parameter
Reverse Voltage
Forward Current
Power Dissipation
Pulse Forward Current (see notes *1)
-
V
V
Unit
2.2
Max.
260
Min.
-
Unit
V
Symbol
Ratings
5
50
VR
IF
deg.
-
-
± 8
450
mcd
-
Capacitance
CT
f = 1MHz
-
18
-
mV
IFP
0.5
A
40
Typ.
KBL-1KL3
Infrared Emitting Diodes(GaAIAs)
-
p F
Out power * 1
PO
IF = 20㎃
10
Dimensions (Unit: mm)


유사한 부품 번호 - KBL-1KL3

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
KBL-1.5FT-LOW MINI-KBL-1.5FT-LOW Datasheet
334Kb / 1P
   Armored Test Cable
KBL-1.5FT-LOW++ MINI-KBL-1.5FT-LOW+ Datasheet
334Kb / 1P
   Armored Test Cable
KBL-1M-LOW MINI-KBL-1M-LOW Datasheet
332Kb / 1P
   Armored Test Cable
KBL-1M-LOW++ MINI-KBL-1M-LOW+ Datasheet
332Kb / 1P
   Armored Test Cable
More results

유사한 설명 - KBL-1KL3

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KFL-1ML-N KODENSHI-KFL-1ML-N Datasheet
67Kb / 4P
   Infrared Emitting Diodes(GaAIAs)
logo
OPTEK Technologies
OP240A OPTEK-OP240A Datasheet
400Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP266A OPTEK-OP266A Datasheet
323Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP245A OPTEK-OP245A Datasheet
360Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP269A OPTEK-OP269A Datasheet
281Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP240SL OPTEK-OP240SL Datasheet
92Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP265A OPTEK-OP265A Datasheet
386Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP268FA OPTEK-OP268FA Datasheet
355Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP223 OPTEK-OP223 Datasheet
302Kb / 2P
   GAAIAS HERMETIC INFRARED EMITTING DIODES
OP266W OPTEK-OP266W Datasheet
374Kb / 2P
   GaAIAs Plastic Infrared Emitting Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com