전자부품 데이터시트 검색엔진 |
|
LM211QDG4 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
LM211QDG4 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 38 page LM111, LM211, LM311 www.ti.com SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015 Feature Description (continued) This is then followed by the output stage that consists of an open collector NPN (pulldown or low-side) transistor. Unlike most open drain comparators, this NPN output stage has an isolated emitter from VCC–, allowing this device to set the VOL output value for collector output. 8.4 Device Functional Modes 8.4.1 Voltage Comparison The LMx11 operates solely as a voltage comparator, comparing the differential voltage between the positive and negative pins and outputting a logic low or high impedance (logic high with pullup) based on the input differential polarity. Copyright © 1973–2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM111 LM211 LM311 |
유사한 부품 번호 - LM211QDG4 |
|
유사한 설명 - LM211QDG4 |