전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KLM-096MA-16A 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 KLM-096MA-16A
상세설명  LED Dot Matrix(module designed for light emitting display device)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLM-096MA-16A 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  KLM-096MA-16A Datasheet HTML 1Page - KODENSHI_AUK CORP. KLM-096MA-16A Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1 -
KLM-096MA-16A
LED Dot Matrix
(Ta=25℃)
This module designed for light emitting display device. Organize with 16×16 matrix combination with 256 of each Red,
Green LED Chips, for indoor use.
FEATURES
•Active display size : 96mm×96mm
•Dot size : ø5
•Dot pitch : 6mm
•Display color : RED, GREEN, AMBER(Mixed color)
•Duty rate : 1/16
•Dot matrix : 256(16×16)
•Weight : 160g(Typ.)
•With a simple serial-inter face.
DIMENSIONS
(Unit : mm)
18
6
6
-0.5~VDD
115
-20~+60
-20~+85
PD
VDD
VLED
Vin
Tj
Ta
Tg
Power dissipation
Supply voltage(DRIVE)
Supply voltage(LED)
Logic input power
Junction Temp.
Operating Temp.
Storage Temp.
RATINGS
SYMBOL
ITEM
MAXIMUM RATINGS
W
V
V
V
Temp.
25℃
UNIT COND.
OPTICAL CHARACTERISTICS
Bright-ness(16×16)
Dot-Balance
Emisson Wavelen-ght
Spectrum half-band
GREEN
RED
AMBER
GREEN
RED
AMBER
GREEN
RED
AMBER
GREEN
RED
ITEM
TYP.
-
-
-
-
-
-
-
-
-
-
-
IVg
IVr
IVo
IVRg
IVRr
IVRo
λpg
λpr
λpo
△λg
△λr
VDD=5V
VLED=5V
-
-
-
2
2
2
-
-
-
-
-
100
70
140
-
-
-
569
630
-
25
40
cd/m
2 * 1
-
nm
nm
SYMBOL
MIN.
CONDTION
MAX.
UNIT.
TEST AREA
(
*1)


유사한 부품 번호 - KLM-096MA-16A

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KLM-096CA-16A KODENSHI-KLM-096CA-16A Datasheet
163Kb / 2P
   LED Dot Matrix(This module designed for light emitting display device)
KLM-096CA-16B KODENSHI-KLM-096CA-16B Datasheet
171Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096LA-16A KODENSHI-KLM-096LA-16A Datasheet
166Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
More results

유사한 설명 - KLM-096MA-16A

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KLM-040MA-16B KODENSHI-KLM-040MA-16B Datasheet
145Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16A KODENSHI-KLM-128CA-16A Datasheet
78Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128MA-16A KODENSHI-KLM-128MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16B KODENSHI-KLM-096CA-16B Datasheet
171Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16B KODENSHI-KLM-128CA-16B Datasheet
194Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128LA-16A KODENSHI-KLM-128LA-16A Datasheet
157Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16B KODENSHI-KLM-064MA-16B Datasheet
151Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16A KODENSHI-KLM-064MA-16A Datasheet
150Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096LA-16A KODENSHI-KLM-096LA-16A Datasheet
166Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16A KODENSHI-KLM-096CA-16A Datasheet
163Kb / 2P
   LED Dot Matrix(This module designed for light emitting display device)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com