전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901N 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2901N
상세설명  Quad Differential Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901N 데이터시트(HTML) 3 Page - Texas Instruments

  LM2901N Datasheet HTML 1Page - Texas Instruments LM2901N Datasheet HTML 2Page - Texas Instruments LM2901N Datasheet HTML 3Page - Texas Instruments LM2901N Datasheet HTML 4Page - Texas Instruments LM2901N Datasheet HTML 5Page - Texas Instruments LM2901N Datasheet HTML 6Page - Texas Instruments LM2901N Datasheet HTML 7Page - Texas Instruments LM2901N Datasheet HTML 8Page - Texas Instruments LM2901N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
5 Device Comparison Table
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM139J, LM139AJ
CDIP (14)
21.30 mm × 7.60 mm
LM139FK, LM139AFK
LCCC (20)
8.90 mm × 8.90 mm
LM139W, LM139AW
CFP (14)
9.20 mm × 6.29 mm
LM139D, LM139AD, LM239D, LM293AD, LM339D,
SOIC (14)
8.70 mm × 3.90 mm
LM339AD, LM2901D
LM239N, LM339N, LM339AN, LM2901N
PDIP (14)
19.30 mm × 6.40 mm
LM239PW, LM2901PW
TSSOP (14)
5.00 mm × 4.40 mm
LM339NS, LM339ANS, LM2901NS
SOP (14)
10.20 mm × 5.30 mm
LM339DB, LM339ADB
SSOP (14)
6.50 mm × 5.30 mm
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


유사한 부품 번호 - LM2901N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM2901N MOTOROLA-LM2901N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Intersil Corporation
LM2901N INTERSIL-LM2901N Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Texas Instruments
LM2901N TI1-LM2901N Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
logo
National Semiconductor ...
LM2901N NSC-LM2901N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM2901N TI-LM2901N Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

유사한 설명 - LM2901N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com