전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2074B 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 ULN2074B
상세설명  50 V - 1.5 A quad Darlington switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2074B 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button ULN2074B Datasheet HTML 5Page - STMicroelectronics ULN2074B Datasheet HTML 6Page - STMicroelectronics ULN2074B Datasheet HTML 7Page - STMicroelectronics ULN2074B Datasheet HTML 8Page - STMicroelectronics ULN2074B Datasheet HTML 9Page - STMicroelectronics ULN2074B Datasheet HTML 10Page - STMicroelectronics ULN2074B Datasheet HTML 11Page - STMicroelectronics ULN2074B Datasheet HTML 12Page - STMicroelectronics ULN2074B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ULN2064B, ULN2066B, ULN2068B, ULN2074B
Mounting instructions
9/14
6
Mounting instructions
The RthJA can be reduced by soldering the GND pins to a suitable copper area of the printed
circuit board (Figure 14) or to an external heatsink (Figure 15).
The diagram of Figure 16 shows the maximum dissipated power PTOT and the RthJA as a
function of the side "
α" of two equal square copper areas having a thickness of 35 µ (1.4
mils).
During soldering the pins temperature must not exceed 260 °C and the soldering time must
not be longer than 12 seconds.
The external heatsink or printed circuit copper area must be connected to electrical ground.
Figure 14.
Example of P.C. board area which is
used as heatsink
Figure 15.
External heatsink mounting
example
Figure 16.
Maximum dissipated power and
junction to ambient thermal
resistance vs. side "
α"
Figure 17.
Maximum allowable power
dissipation vs. ambient
temperature


유사한 부품 번호 - ULN2074B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2074B STMICROELECTRONICS-ULN2074B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2074B STMICROELECTRONICS-ULN2074B Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
More results

유사한 설명 - ULN2074B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com