전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT3A-4 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 GT3A-4
상세설명  Analog Timers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GT3A-4 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GT3A-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 12Page - List of Unclassifed Manufacturers GT3A-4 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
851
800-262-IDEC (4332) USA & Canada
GT3F
Timers
GT3F Series — True Power OFF Delay Timers
Key features:
• “True”powerOFF-delayupto10minutes
• Noexternalcontrolswitchnecessary
• Availablewithresetinputs
• Mountableinsocketsorflushpanel
UL,c-ULListed
FileNo.E55996
Specifications
GT3F-1
GT3F-2
Operation
TruepowerOFF-delay
Time Range
0.1secondsto600seconds
Rated Voltage
100to240VAC,50/60Hz
24VAC/DC
Contact Rating
250VAC/30VDC,5A
(resistiveload)
250VAC/30VDC,3A
(resistiveload)
Contact Form
SPDT
DPDT
Minimum Power Application Time
1second
Voltage Tolerance
AF20:100to240VAC
AD24:21.6to26.4VDC,20.4to26.4VAC
Repeat Error
±0.2%,±10msec
Voltage Error
±0.2%,±10msec
Temperature Error
±0.2%,±10msec
Setting Error
±10%maximum
Insulation Resistance
100MWminimum
Dielectric Strength
Betweenpowerandoutputterminals:
2,000VAC,1minute(SPDT)
1,500VAC,1minute(DPDT)
Betweencontactsondifferentpoles:
1,000VAC,1minute(DPDT)
Betweencontactsofthesamepole:
750VAC,1minute
Power Consumption
AF20:3.7VA(200VAC,60Hz)
AD24:0.8W(DC),1.2VA(AC)
Mechanical Life
20,000,000operationsminimum
Electrical Life
100,000operationsminimum
Vibration Resistance
100m/sec2(approximate10G)
Shock Resistance
Operatingextremes:
100m/sec2(approximate10G)
Damagelimits:500m/sec2(approximate50G)
Operating Temperature
–10to+50°C
Storage Temperature
–30to+80°C
Operating Humidity
45to85%RH
Weight (approximate)
77g
79g
1. Aninrushcurrentflowsduringtheminimumpowerapplicationtime.AF20:approximate0.4A,
AD24:approximate1.2A
2. GT3Fdoesnotreadthepresettimerangeshownontheknobafterpoweristurnedoff.Notethatminimizing
thepresettime,byturningtheknobtozero,doesnotshortenthedelaytimeafterpowerisremoved.
GT3F


유사한 부품 번호 - GT3A-4

제조업체부품명데이터시트상세설명
logo
Hirose Electric
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
   Antenna, Sensor, and Communications Trunk Line Connections
GT3-2024SCF HIROSE-GT3-2024SCF Datasheet
281Kb / 10P
   Interface Portions and In-line Portions of the Various Units and Devices
GT3-20DP-2.5DSA HIROSE-GT3-20DP-2.5DSA Datasheet
207Kb / 6P
   Antenna, Sensor, and Communications Trunk Line Connections
logo
List of Unclassifed Man...
GT30 ETC2-GT30 Datasheet
168Kb / 2P
   PNEUMATIC TURBINE VIBRATIORS
logo
MPS Industries, Inc.
GT3005 MPSIND-GT3005 Datasheet
129Kb / 2P
   Single ratio (see schematic), thru-hole package
More results

유사한 설명 - GT3A-4

제조업체부품명데이터시트상세설명
logo
IDEC Corporation
RTE IDEC-RTE Datasheet
1Mb / 7P
   Analog Timers
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com