전자부품 데이터시트 검색엔진 |
|
54AC20D 데이터시트(PDF) 3 Page - National Semiconductor (TI) |
|
|
54AC20D 데이터시트(HTML) 3 Page - National Semiconductor (TI) |
3 / 6 page DC Characteristics for ’AC Family Devices (Continued) 54AC Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits I CC Maximum Quiescent 5.5 40.0 µA V IN = VCC Supply Current or GND Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC. ICC for 54AC @ 25˚C is identical to 74AC @ 25˚C. AC Electrical Characteristics 54AC V CC T A = −55˚C Symbol Parameter (V) to +125˚C Units (Note 5) C L = 50 pF Min Max t PLH Propagation Delay 3.3 1.0 11.0 ns 5.0 1.0 8.5 t PHL Propagation Delay 3.3 1.0 10.0 ns 5.0 1.0 7.0 Note 5: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V Capacitance Symbol Parameter Typ Units Conditions C IN Input Capacitance 4.5 pF V CC = OPEN C PD Power Dissipation 40.0 pF V CC = 5.0V Capacitance 3 www.national.com |
유사한 부품 번호 - 54AC20D |
|
유사한 설명 - 54AC20D |