전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX08M 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74LVX08M
상세설명  Low Voltage Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX08M 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74LVX08M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 6Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX08 Rev. 1.5.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
-0.5 V to 7.0 V
IIK
DC Input Diode Current, VI = -0.5 V
-20 mA
VI
DC Input Voltage
-0.5 V to 7.0 V
IOK
DC Output Diode Current
VO = -0.5 V
-20 mA
VO = VCC + 0.5 V
+20 mA
VO
DC Output Voltage
-0.5 V to VCC + 0.5 V
IO
DC Output Source or Sink Current
±25 mA
ICC or IGND DC VCC or Ground Current
±50 mA
TSTG
Storage Temperature
-65°C to 150°C
P
Power Dissipation
180 mW
TL
Lead Temperature (Soldering, 10 seconds)
240°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0 V to 3.6 V
VI
Input Voltage
0 V to 5.5 V
VO
Output Voltage
0 V to VCC
TA
Operating Temperature
-40°C to 85°C
Δt / ΔV
Input Rise and Fall Time
0 ns/V to 100 ns/V


유사한 부품 번호 - 74LVX08M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX08M FAIRCHILD-74LVX08M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
STMicroelectronics
74LVX08M STMICROELECTRONICS-74LVX08M Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX08M ONSEMI-74LVX08M Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08MTC FAIRCHILD-74LVX08MTC Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08MTCX ONSEMI-74LVX08MTCX Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
More results

유사한 설명 - 74LVX08M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com