전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX71K 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BCX71K
상세설명  PNP General-Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCX71K 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BCX71K Datasheet HTML 1Page - Fairchild Semiconductor BCX71K Datasheet HTML 2Page - Fairchild Semiconductor BCX71K Datasheet HTML 3Page - Fairchild Semiconductor BCX71K Datasheet HTML 4Page - Fairchild Semiconductor BCX71K Datasheet HTML 5Page - Fairchild Semiconductor BCX71K Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCX71K Rev. 1.1.0
1
March 2014
BCX71K
PNP General-Purpose Amplifier
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150
°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Marking
Package
Packing Method
BCX71K
BK
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-45
V
VCES
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current - Continuous
-500
mA
TJ , TSTG
Junction and Storage Temperature Range
-55 to +150
°C
SOT-23
Mark: BK
C
B
E
Description
This device is designed for applications requiring
extremely high-current gain at collector currents to
300 mA. Sourced from process 68.


유사한 부품 번호 - BCX71K

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX71K PHILIPS-BCX71K Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Allied Components Inter...
BCX71K ALLIED-BCX71K Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Samsung semiconductor
BCX71K SAMSUNG-BCX71K Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX71K CDIL-BCX71K Datasheet
88Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BCX71K SIEMENS-BCX71K Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

유사한 설명 - BCX71K

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com